Electronic Components Datasheet Search
  English  ▼

X  

SP503 Datasheet(PDF) 25 Page - Exar Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP503 Datasheet(HTML) 25 Page - Exar Corporation

Back Button SP503 Datasheet HTML 20Page - Exar Corporation SP503 Datasheet HTML 21Page - Exar Corporation SP503 Datasheet HTML 22Page - Exar Corporation SP503 Datasheet HTML 23Page - Exar Corporation SP503 Datasheet HTML 24Page - Exar Corporation SP503 Datasheet HTML 25Page - Exar Corporation SP503 Datasheet HTML 26Page - Exar Corporation SP503 Datasheet HTML 27Page - Exar Corporation SP503 Datasheet HTML 28Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
SP503_101_101508
SP503 Multiprotocol Transceiver
© Copyright 2008 Exar Corporation
EDGE
DUT PIN
CONNECTOR
DESCRIPTIONS
01
TxD (pin 14) –TTL Input – Transmit
data; source for SD(a) and SD(b) out-
puts.
02
DTR (pin 13) – TTL Input – Data
terminal ready: source for TR(a) and
TR(b) outputs.
03
ST/TT (pin 6) –TTL Input – ST/TT
select pin; enables ST drivers and dis-
ables TT drivers when high. Disables
ST drivers and enables TT drivers when
low.
04
DEC
3/RDEC3 (pin 5) – TTL Input –
Transmitter/Receiver decode register.
05
TDEC
2/RDEC2 (pin 4) – TTL Input –
Transmitter/Receiver decode register.
06
TDEC
1/RDEC1 (pin 3) – TTL Input –
Transmitter/Receiver decode register.
07
TDEC
0/RDEC0 (pin 2) – TTL Input –
Transmitter/Receiver decode register.
08
RxD (pin 1 ) – TTL Output – Receive
data; sourced from RD(a) and RD)b)
inputs.
09
CTS (pin 80) – TTL Output – Clear to
send; sourced from CS(a) and CS(b)
inputs.
10
RxT (pin 79) – TTL Output – RxT;
sourced from TT(a), TT(b) inputs.
11
DSR (pin 78) – TTL Output – Data set
ready; sourced from DM(a) and DM(b)
inputs.
12
RD(b) (pin 71) – Analog In – Receive
data, non–inverted; source for RxD.
EDGE
DUT PIN
CONNECTOR
DESCRIPTIONS
13
RD(a) (pin 70) – Analog In – Receive
data, inverted: source for RxD.
14
DM(b) (pin 69) – Analog In – Data
mode, non–inverted; source for DSR.
l5
DM(a) (pin 68) – Analog In – Data
mode, inverted; source for DSR.
16
CS(b) (pin 67) – Analog In – Clear to
send; non–inverted; source for CTS.
17
CS(a) (pin 66) – Analog In – Clear to
send, inverted; source for CTS.
18
TT(b) (pin 65) – Analog Out –
Terminal timing,
non–inverted:
sourced from TxC input.
19
TT(a) (pin 63) – Analog Out –
Terminal timing; inverted: sourced
from TxC input.
20
TR(a) (pin 58) – Analog Out – Termi-
nal ready, inverted; sourced from DTR.
21
TR(b) (pin 56) – Analog Out – Termi-
nal ready; non–inverted; sourced from
DTR.
22
SD(a) (pin 61) – Analog Out – Send
data, inverted; sourced from TxD.
23
SD(b) (pin 59) – Analog Out – Send
data; non–inverted; sourced from TxD.
24
RS(a) (pin 54) – Analog Out – Ready to
send; inverted; sourced from RTS.
25
RS(b) (pin 52) – Analog Out – Ready
to send, non–inverted; sourced from
RTS.
1
26
2
27
3
28
4
29
5
30
6
31
7
32
8
33
9
34
10
35
11
36
12
37
13
38
14
39
15
40
16
41
17
42
18
43
19
44
20
45
21
46
22
47
23
48
24
49
25
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com