Electronic Components Datasheet Search
  English  ▼

X  

SP503 Datasheet(PDF) 8 Page - Exar Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP503 Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP503 Datasheet HTML 4Page - Exar Corporation SP503 Datasheet HTML 5Page - Exar Corporation SP503 Datasheet HTML 6Page - Exar Corporation SP503 Datasheet HTML 7Page - Exar Corporation SP503 Datasheet HTML 8Page - Exar Corporation SP503 Datasheet HTML 9Page - Exar Corporation SP503 Datasheet HTML 10Page - Exar Corporation SP503 Datasheet HTML 11Page - Exar Corporation SP503 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SP503_101_101508
SP503 Multiprotocol Transceiver
© Copyright 2008 Exar Corporation
8
Pin 32 — V
SS –10V Charge Pump Capacitor —
Connects from ground to V
SS.
Suggested ca-
pacitor size is 22µF, 16V.
Pins 26 and 30 — C
1
+ and C
1
– — Charge Pump
Capacitor — Connects from C
1
+ to C
1
–. Sug-
gested capacitor size is 22µF, 16V.
Pins 28 and 31 — C
2
+ and C
2
– — Charge Pump
Capacitor — Connects from C
2
+ to C
2
–. Sug-
gested capacitor size is 22µF, 16V.
NOTE: NC pins should be left floating; internal
signals may be present.
pared to older less–efficient designs. The charge
pump still requires four external capacitors, but
uses a four–phase voltage shifting technique to
attain symmetrical 10V power supplies. Figure
3(a) shows the waveform found on the positive
side of capcitor C2, and Figure 3(b) shows the
negative side of capcitor C2. There is a free–
running oscillator that controls the four phases
of the voltage shifting. A description of each
phase follows.
Phase 1
— V
SS charge storage —During this phase of
the clock cycle, the positive side of capacitors
C
1 and C2 are initially charged to +5V. Cl
+ is
then switched to ground and the charge on C
1
–
is transferred to C
2
–. Since C
2
+ is connected to
+5V, the voltage potential across capacitor C
2
is now 10V.
Phase 2
— V
SS transfer — Phase two of the clock con-
nects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of C
2
to ground, and transfers the generated –l0V to
C
3. Simultaneously, the positive side of capaci-
tor C
1 is switched to +5V and the negative side
is connected to ground.
Phase 3
— V
DD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C
1 produces –5V in the negative
terminal of C
1, which is applied to the negative
side of capacitor C
2. Since C2
+ is at +5V, the
voltage potential across C
2 is l0V.
Phase 4
— V
DD transfer — The fourth phase of the
clock connects the negative terminal of C
2 to
ground and transfers the generated l0V across
C
2 to C4, the VDD storage capacitor. Again,
FEATURES…
The SP503 is a highly integrated serial trans-
ceiver that allows software control of its inter-
face modes. The SP503 offers hardware inter-
face modes for RS-232 (V.28), RS-422A (V.11),
RS-449, RS-485, V.35, and EIA-530. The inter-
face mode selection is done via an 8–bit switch;
four (4) bits control the drivers and four (4) bits
control the receivers. The SP503 is fabricated
using low–power BiCMOS process technol-
ogy, and incorporates an Exar patented
(5,306,954) charge pump allowing +5V only
operation. Each device is packaged in an 80–pin
Quad FlatPack package.
The SP503 is ideally suited for wide area net-
work connectivity based on the interface modes
offered
and
the
driver
and
receiver
configurations. The SP503 has seven (7)
independent drivers and seven (7) independent
receivers. The seventh driver of the SP503
allows it to support applications which require
two separate clock outputs making it ideal for
DCE applications.
THEORY OF OPERATION
The SP503 is made up of four separate circuit
blocks — the charge pump, drivers, receivers,
and decoder. Each of these circuit blocks is
described in more detail below.
Charge–Pump
The charge pump is an Exar patented design
(5,306,954) and uses a unique approach com-
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Figure 1. Charge Pump Phase 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com