Electronic Components Datasheet Search
  English  ▼

X  

SP503 Datasheet(PDF) 10 Page - Exar Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP503 Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP503 Datasheet HTML 6Page - Exar Corporation SP503 Datasheet HTML 7Page - Exar Corporation SP503 Datasheet HTML 8Page - Exar Corporation SP503 Datasheet HTML 9Page - Exar Corporation SP503 Datasheet HTML 10Page - Exar Corporation SP503 Datasheet HTML 11Page - Exar Corporation SP503 Datasheet HTML 12Page - Exar Corporation SP503 Datasheet HTML 13Page - Exar Corporation SP503 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SP503_101_101508
SP503 Multiprotocol Transceiver
© Copyright 2008 Exar Corporation
10
VCC = +5V
–5V
+5V
–5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Figure 4. Charge Pump Phase 3.
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Figure 5. Charge Pump Phase 4.
There are three basic types of driver circuits —
RS-232, RS-423, and RS-485. The RS-232 driv-
ers output a minimum of ±5V level single–
ended signals (with 3k
Ω and 2500pF loading),
and can operate up to 120kbps. The RS-232
drivers are used in RS-232 mode for all signals,
and also in V.35 mode where they are used as the
control line signals.
The RS-423 drivers output a minimum of ±3.6V
level single–ended signals (with 450
Ω loading)
and can operate up to 120kbps. Open circuit
V
OL and VOH measurements may exceed the
±6V limitation of RS-423. The RS-423 drivers
are used in RS-449 and EIA-530 modes as RL
and LL outputs.
The third type of driver supports RS-485, which
is a differential signal that can maintain ±1.5V
differential output levels with a worst case load
of 54
Ω. The signal levels and drive capability of
the RS-485 drivers allow the drivers to also
support RS-422 requirements of ±2V differen-
tial output levels with 100
Ω loads. The RS-422
drivers are used in RS-449 and EIA-530 modes
as clock, data, and some control line signals.
The RS-485–type drivers are also used in the
V.35 mode. V.35 levels require ±0.55V signals
with a load of 100
Ω. In order to meet the voltage
requirements of V.35, external series resistors
with source impedance termination resistors
must be implemented to voltage divide the driver
outputs from 0 to +5V to 0 to +0.55V. Figure 6
shows the values of the resistor network and
how to connect them. The termination network
also achieves the 50
Ω to 150Ω source imped-
ance for V.35. For applications that require
V.11 signals for clock and data instead of V.35
levels, omit the external termination networks.
All of the differential drivers, RS-485, RS-422,
and V.35 can operate up to 5Mbps.
Table 1. SP503 Drivers
Pin Label
Mode:
RS-232
V.35
RS-422
RS-485
RS-449
EIA-530
TDEC
3–TDEC0
0000
0010
1110
0100
0101
1100
1101
SD(a)
tri–state
RS-232
V.35–
RS-422–
RS-485–
RS-422–
RS-422–
SD(b)
tri–state
tri–state
V.35+
RS-422+
RS-485+
RS-422+
RS-422+
TR(a)
tri–state
RS-232
RS-232
RS-422–
RS-485–
RS-422–
RS-422–
TR(b)
tri–state
tri–state
tri–state
RS-422+
RS-485+
RS-422+
RS-422+
RS(a)
tri–state
RS-232
RS-232
RS-422–
RS-485–
RS-422–
RS-422–
RS(b)
tri–state
tri–state
tri–state
RS-422+
RS-485+
RS-422+
RS-422+
RL(a)
tri–state
RS-232
RS-232
RS-422–
RS-485–
RS-423
RS-423
RL(b)
tri–state
tri–state
tri–state
RS-422+
RS-485+
tri–state
tri–state
LL(a)
tri–state
RS-232
RS-232
RS-422–
RS-485–
RS-423
RS-423
LL(b)
tri–state
tri–state
tri–state
RS-422+
RS-485+
tri–state
tri–state
ST(a)
tri–state
RS-232
V.35–
RS-422–
RS-485–
RS-422–
RS-422–
ST(b)
tri–state
tri–state
V.35+
RS-422+
RS-485+
RS-422+
RS-422+
TT(a)
tri–state
RS-232
V.35–
RS-422–
RS-485–
RS-422–
RS-422–
TT(b)
tri–state
tri–state
V.35+
RS-422+
RS-485+
RS-422+
RS-422+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com