Electronic Components Datasheet Search
  English  ▼

X  

SP503 Datasheet(PDF) 26 Page - Exar Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP503 Datasheet(HTML) 26 Page - Exar Corporation

Back Button SP503 Datasheet HTML 20Page - Exar Corporation SP503 Datasheet HTML 21Page - Exar Corporation SP503 Datasheet HTML 22Page - Exar Corporation SP503 Datasheet HTML 23Page - Exar Corporation SP503 Datasheet HTML 24Page - Exar Corporation SP503 Datasheet HTML 25Page - Exar Corporation SP503 Datasheet HTML 26Page - Exar Corporation SP503 Datasheet HTML 27Page - Exar Corporation SP503 Datasheet HTML 28Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
SP503_101_101508
SP503 Multiprotocol Transceiver
© Copyright 2008 Exar Corporation
26
EDGE
DUT PIN
CONNECTOR
DESCRIPTIONS
26
ST (pin 22) – TTL Input – Send Tim-
ing; source for ST(a) and ST(b) out-
puts. SP503 only.
27
STEN (pin 23) – TTL Input — Driver
enable control pin; active low. SP503
only,
28
SCT(a) (pin 76) – Analog Input – In-
verting; input for SCT receiver; SP503
only.
29
SCT(b) (pin 77) – Analog Input – Non–
inverting; input for SCT receiver.
SP503 only.
30
V
CC — +5V for all circuitry.
31
GND — signal and power ground.
32 LL(a) (pin 51) – Analog Out – Local
loopback, inverted; sourced from LL.
33
LL(b) (pin 49) – Analog Out – Local
loopback, non–inverted sourced from
LL.
34
RL(a) (pin 47) – Analog Out – Remote
loopback; inverted; sourced from RL.
35
RL(b) (pin 45) – Analog Out – Remote
loopback; non–inverted; sourced from
RL.
36
ST(b) (pin 44) – Analog Out – Send
timing, non–inverted; sourced from
TxC.
37
ST(a) (pin 42) – Analog Output –Send
timing, inverted; sourced from TxC.
38
IC(b) (pin 40) – Analog In – Incoming
call; non–inverted; source for Rl.
EDGE
DUT PIN
CONNECTOR
DESCRIPTIONS
39
IC(a) (pin 39) – Analog In – Incoming
call; inverted; source for Rl.
40
RT(b) (pin 38) – Analog In – Receive
timing, non–inverted; source for RxC.
41
RT(a) (pin 37) – Analog In – Receive
timing; inverted; source from RxC.
42
RR(b) (pin 36) – Analog In – Receiver
ready; non–inverted; source for DCD.
43
RR(a) (pin 35) – Analog In – Receiver
ready; inverted; source for DCD.
44
LL (pin 24) – TTL Input – Local
loopback; source for LL(a) and LL(b)
outputs.
45
Rl (pin 21) – TTL Output – Ring
indicator; sourced from IC(a) and IC(b)
inputs.
46
RxC (pin 20) – TTL Output – Receive
clock; sourced from RT(a) and RT(b)
inputs.
47
DCD (pin 19) – TTL Output – Data
carrier detect; sourced from RR(a) and
RR(b) inputs.
48
RL (pin 17) – Analog Out – Remote
loopback; source for RL(a) and RL(b)
outputs.
49
RTS (pin 16) – TTL Input – Ready to
send; source for RS(a) and RS(b) out-
puts.
50
TxC (pin 15) – TTL Input – Transmit
clock; source for TT(A) and TT(B)
outputs.
1
26
2
27
3
28
4
29
5
30
6
31
7
32
8
33
9
34
10
35
11
36
12
37
13
38
14
39
15
40
16
41
17
42
18
43
19
44
20
45
21
46
22
47
23
48
24
49
25
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com