Electronic Components Datasheet Search
  English  ▼

X  

SP503 Datasheet(PDF) 28 Page - Exar Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP503 Datasheet(HTML) 28 Page - Exar Corporation

Back Button SP503 Datasheet HTML 20Page - Exar Corporation SP503 Datasheet HTML 21Page - Exar Corporation SP503 Datasheet HTML 22Page - Exar Corporation SP503 Datasheet HTML 23Page - Exar Corporation SP503 Datasheet HTML 24Page - Exar Corporation SP503 Datasheet HTML 25Page - Exar Corporation SP503 Datasheet HTML 26Page - Exar Corporation SP503 Datasheet HTML 27Page - Exar Corporation SP503 Datasheet HTML 28Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
SP503_101_101508
SP503 Multiprotocol Transceiver
© Copyright 2008 Exar Corporation
28
ORDERING INFORMATION
Part Number
Top Mark
Temperature Range
Package Types
SP503CM-L ........ SP503CMYYWW......0°C to +70°C ............................. 80–pin JEDEC (MS-022 BC) LQFP
SP503EM-L.........SP503EMYYWW......-20°C to +85°C ........................ 80–pin JEDEC (MS-022 BC) LQFP
DATE
REVISION
DESCRIPTION
1/27/04
A
Implemented tracking revision.
5/6/04
B
Added Top Mark to ordering information.
7/29/04
C
Included LQFP package option.
6/8/05
D
Note that the SP503 Evaluation Board is no longer available. The
information is still included as reference material should customers
desire to breadboard their own evaluation setup.
7/17/08
1.0.0
SP503 is no longer available in MQFP package per PCN 07-1102-
06a. In addition, SP503 is now only available in Pb-Free, RoHS
compliant packages. New package drawing has been included and
ordering information has been updated. Changed to Exar datasheet
format and revision to 1.0.0.
10/15/08
1.0.1
SP503EM-L temperature range changed from "-40°C to +85°C" to
"-20°C to +85°C". Added ESD rating of 1kV HBM to electrical
characteristics.
REVISION HISTORY
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to
improve design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any
circuits described herein, conveys no license under any patent or other right, and makes no representation that
the circuits are free of patent infringement. Charts and schedules contained here in are only for illustration
purposes and may vary depending upon a user’s specific application. While the information in this publication
has been carefully checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the
failure or malfunction of the product can reasonably be expected to cause failure of the life support system or to
significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless
EXAR Corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has
been minimized; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately
protected under the circumstances.
Copyright 2008 EXAR Corporation
Datasheet September 2008
Send your technical inquiry with details to: uarttechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com