Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 19 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 19 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 15Page - Exar Corporation XRT86VL32IB Datasheet HTML 16Page - Exar Corporation XRT86VL32IB Datasheet HTML 17Page - Exar Corporation XRT86VL32IB Datasheet HTML 18Page - Exar Corporation XRT86VL32IB Datasheet HTML 19Page - Exar Corporation XRT86VL32IB Datasheet HTML 20Page - Exar Corporation XRT86VL32IB Datasheet HTML 21Page - Exar Corporation XRT86VL32IB Datasheet HTML 22Page - Exar Corporation XRT86VL32IB Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
XRT86VL32
16
REV. V1.2.1
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
TxOHCLK0
TxOHCLK2
A11
N18
O
8
Transmit OH Serial Clock Output Signal(TxOHCLKn)
This pin functions as an overhead output clock signal for the
transmit overhead interface, and its function is explained
below.
DS1 Mode
If the TxOH pins have been configured to be the source for
Datalink bits, the DS1 transmit framer will provide a clock edge
for each Data Link Bit. In DS1 ESF mode, the TxOHCLK can
either be a 2kHz or 4kHz output signal depending on the
selection of Data Link Bandwidth (Register 0xn10A).
Data Link Equipment can provide data to the TxOHn pin on the
rising edge of TxOHCLK. The framer latches the data on the
falling edge of this clock signal.
E1 Mode
If the TxOH pins have been configured to be the source for
Data Link bits, the E1 transmit framer will provide a clock edge
for each National Bit (Sa bits) that has been configured to carry
data link information. (Register 0xn10A)
TRANSMIT OVERHEAD INTERFACE
SIGNAL NAME
BALL #
TYPE
OUTPUT
DRIVE(MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com