Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 41 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 41 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 37Page - Exar Corporation XRT86VL32IB Datasheet HTML 38Page - Exar Corporation XRT86VL32IB Datasheet HTML 39Page - Exar Corporation XRT86VL32IB Datasheet HTML 40Page - Exar Corporation XRT86VL32IB Datasheet HTML 41Page - Exar Corporation XRT86VL32IB Datasheet HTML 42Page - Exar Corporation XRT86VL32IB Datasheet HTML 43Page - Exar Corporation XRT86VL32IB Datasheet HTML 44Page - Exar Corporation XRT86VL32IB Datasheet HTML 45Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
XRT86VL32
38
REV. V1.2.1
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
ACK0
ACK1
T2
U2
I
-
DMA Cycle Acknowledge Input—DMA Controller 0 (Write):
The external DMA Controller will assert this input pin “Low”
when the following two conditions are met:
1. After the DMA Controller, within the Framer has asserted
(toggled “Low”), the Req_0 output signal.
2. When the external DMA Controller is ready to transfer
data from external memory to the selected Transmit
HDLC buffer.
At this point, the DMA transfer between the external memory
and the selected Transmit HDLC buffer may begin.
After completion of the DMA cycle, the external DMA Controller
will negate this input pin after the DMA Controller within the
Framer has negated the Req_0 output pin. The external DMA
Controller must do this in order to acknowledge the end of the
DMA cycle.
DMA Cycle Acknowledge Input—DMA Controller 1 (Read):
The external DMA Controller asserts this input pin “Low” when
the following two conditions are met:
1. After the DMA Controller, within the Framer has asserted
(toggled "Low"), the Req_1 output signal.
2. When the external DMA Controller is ready to transfer
data from the selected Receive HDLC buffer to external
memory.
At this point, the DMA transfer between the selected Receive
HDLC buffer and the external memory may begin.
After completion of the DMA cycle, the external DMA Controller
will negate this input pin after the DMA Controller within the
Framer has negated the Req_1 output pin. The external DMA
Controller will do this in order to acknowledge the end of the
DMA cycle.
NOTE: This pin is internally pulled “High” with a 50k
Ω resistor.
BLAST
U10
I
-
Last Cycle of Burst Indicator Input:
If the Microprocessor Interface is operating in the Intel-I960
Mode, then this input pin is used to indicate (to the Micropro-
cessor Interface block) that the current data transfer is the last
data transfer within the current burst operation.
The Microprocessor should assert this input pin (by toggling it
“Low”) in order to denote that the current READ or WRITE
operation (within a BURST operation) is the last operation of
this BURST operation.
NOTES:
1.
If the user has configured the Microprocessor
Interface to operate in the Intel-Asynchronous, the
Motorola-Asynchronous or the Power PC 403 Mode,
then he/she should tie this input pin to GND.
2.
This pin is internally pulled “High” with a 50k
Ω
resistor.
MICROPROCESSOR INTERFACE
SIGNAL NAME
BALL #
TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com