Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 31 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 31 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 27Page - Exar Corporation XRT86VL32IB Datasheet HTML 28Page - Exar Corporation XRT86VL32IB Datasheet HTML 29Page - Exar Corporation XRT86VL32IB Datasheet HTML 30Page - Exar Corporation XRT86VL32IB Datasheet HTML 31Page - Exar Corporation XRT86VL32IB Datasheet HTML 32Page - Exar Corporation XRT86VL32IB Datasheet HTML 33Page - Exar Corporation XRT86VL32IB Datasheet HTML 34Page - Exar Corporation XRT86VL32IB Datasheet HTML 35Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
XRT86VL32
28
REV. V1.2.1
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
TRANSMIT LINE INTERFACE
SIGNAL NAME
BALL #
TYPE
DESCRIPTION
TTIP0
TTIP2
E4
J4
O
Transmit Positive Analog Output (TTIPn):
TTIP is the positive differential output to the line interface. This output pin,
along with the corresponding TRING output pin, function as the Transmit DS1/
E1 output signal drivers for the XRT86VL32 device.
The user is expected to connect this signal and the corresponding TRING out-
put signal to a 1:2 step up transformer for proper operation.
This output pin will be tri-stated whenever the user sets the “TxON” input pin
or register bit (0xnF02, bit 3) to “0”.
NOTE: This pin should have a series line capacitor of 0.68
µF for DC blocking
purposes.
TRING0
TRING2
F4
K4
O
Transmit Negative Analog Output (TRINGn):
TRING is the negative differential output to the line interface. This output pin,
along with the corresponding TTIP output pin, function as the Transmit DS1/
E1 output signal drivers for the XRT86VL32 device.
The user is expected to connect this signal and the corresponding TRING out-
put signal to a 1:2 step up transformer for proper operation.
NOTE: This output pin will be tri-stated whenever the user sets the “TxON”
input pin or register bit (0xnF02, bit 3) to “0”.
TxON
N1
I
Transmitter On
This input pin permits the user to either enable or disable the Transmit Output
Driver within the Transmit DS1/E1 LIU Block. If the TxON pin is pulled “Low”,
all 8 Channels are tri-stated. When this pin is pulled ‘High’, turning on or off the
transmitters will be determined by the appropriate channel registers (address
0x0Fn2, bit 3)
LOW = Disables the Transmit Output Driver within the Transmit DS1/E1 LIU
Block. In this setting, the TTIP and TRING output pins of all 8 channels will be
tri-stated.
HIGH = Enables the Transmit Output Driver within the Transmit DS1/E1 LIU
Block. In this setting, the corresponding TTIP and TRING output pins will be
enabled or disabled by programming the appropriate channel register.
(address 0x0Fn2, bit 3)
NOTE: Whenever the transmitters are turned off, the TTIP and TRING output
pins will be tri-stated.
TIMING INTERFACE
SIGNAL NAME
BALL #
TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION
MCLKIN
A4
I
-
Master Clock Input:
This pin is used to provide the timing reference for the internal
master clock of the device. The frequency of this clock is pro-
grammable from 8kHz to 16.384MHz in register 0x0FE9.
E1MCLKnOUT
A3
O
12
LIU E1 Output Clock Reference
This output pin is defaulted to 2.048MHz, but can be programmed
to 4.096MHz, 8.192MHz, or 16.384MHz in register 0x0FE4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com