Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 28Page - Exar Corporation XRT86VL32IB Datasheet HTML 29Page - Exar Corporation XRT86VL32IB Datasheet HTML 30Page - Exar Corporation XRT86VL32IB Datasheet HTML 31Page - Exar Corporation XRT86VL32IB Datasheet HTML 32Page - Exar Corporation XRT86VL32IB Datasheet HTML 33Page - Exar Corporation XRT86VL32IB Datasheet HTML 34Page - Exar Corporation XRT86VL32IB Datasheet HTML 35Page - Exar Corporation XRT86VL32IB Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
XRT86VL32
29
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
REV. V1.2.1
T1MCLKnOUT
B4
O
12
LIU T1 Output Clock Reference
This output pin is defaulted to 1.544MHz, but can be programmed
to output 3.088MHz, 6.176MHz, or 12.352MHz in register 0x0FE4.
E1OSCCLK
P2
O
8
Framer E1 Output Clock Reference
This output pin is defaulted to 2.048MHz, but can be programmed
to 65.536MHz in register 0x011E.
T1OSCCLK
P4
O
8
Framer T1 Output Clock Reference
This output pin is defaulted to 1.544MHz, but can be programmed
to output 49.408MHz in register 0x011E.
8KSYNC
R2
O
8
8kHz Clock Output Reference
This pin is an output reference of 8kHz based on the MCLKIN
input. Therefore, the duty cycle of this output is determined by the
time period of the input clock reference.
8KEXTOSC
N4
I
-
External Oscillator Select
For normal operation, this pin should not be used, or pulled “Low”.
This pin is internally pulled “Low” with a 50k
Ω resistor.
ANALOG
E5
O
Factory Test Mode Pin
NOTE: For Internal Use Only
LOP
N2
I
-
Loss of Power for E1 Only
This is a Loss of Power pin in the E1 application only. Upon
detecting LOP in E1 mode, the device will automatically transmit
the Sa5 and Sa6 bit to a different pattern, so that the Receive ter-
minal can detect a power failure in the network.
Please see register 0xn131 for the Transmit SA control.
TIMING INTERFACE
SIGNAL NAME
BALL #
TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com