Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 45Page - Exar Corporation XRT86VL32IB Datasheet HTML 46Page - Exar Corporation XRT86VL32IB Datasheet HTML 47Page - Exar Corporation XRT86VL32IB Datasheet HTML 48Page - Exar Corporation XRT86VL32IB Datasheet HTML 49Page - Exar Corporation XRT86VL32IB Datasheet HTML 50Page - Exar Corporation XRT86VL32IB Datasheet HTML 51Page - Exar Corporation XRT86VL32IB Datasheet HTML 52Page - Exar Corporation XRT86VL32IB Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
XRT86VL32
46
REV. V1.2.1
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
AC ELECTRICAL CHARACTERISTICS TRANSMIT FRAMER (HMVIP/H100 MODE)
FIGURE 5. FRAMER SYSTEM TRANSMIT TIMING DIAGRAM (HMVIP AND H100 MODE)
NOTE: Setup and Hold time is not valid from TxInClk to TxSERCLK as TxInClk is used as the timing source for the back
plane interface and TxSERCLK is used as the timing source on the line side.
Test Conditions: TA = 25°C, VDD = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
t1
TxSYNC Setup Time - HMVIP Mode
7
nS
t2
TxSYNC Hold Time - HMVIP Mode
4
nS
t3
TxSYNC Setup Time - H100 Mode
7
nS
t4
TxSYNC Hold Time - H100 Mode
4
nS
t5
TxSER Setup Time - HMVIP and H100 Mode
6
nS
t6
TxSER Hold Time - HMVIP and H100 Mode
3
nS
t7
TxSIG Setup Time - HMVIP and H100 Mode
6
nS
t8
TxSIG Hold Time - HMVIP and H100 Mode
3
nS
TxSYNC
(H100 Mode)
TxCHN_0
(TxSIG)
t
4
A
B
C
D
t
3
TxSERCLK
TxSER
t
5
t
6
t
7
t
8
TxSYNC
(HMVIP Mode)
t
2
t
1
TxInClk
(16MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com