Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 43 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 43 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 39Page - Exar Corporation XRT86VL32IB Datasheet HTML 40Page - Exar Corporation XRT86VL32IB Datasheet HTML 41Page - Exar Corporation XRT86VL32IB Datasheet HTML 42Page - Exar Corporation XRT86VL32IB Datasheet HTML 43Page - Exar Corporation XRT86VL32IB Datasheet HTML 44Page - Exar Corporation XRT86VL32IB Datasheet HTML 45Page - Exar Corporation XRT86VL32IB Datasheet HTML 46Page - Exar Corporation XRT86VL32IB Datasheet HTML 47Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
XRT86VL32
40
REV. V1.2.1
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
POWER SUPPLY PINS (3.3V)
SIGNAL NAME
BALL #
TYPE
DESCRIPTION
VDD
D16
P3
R15
T9
PWR
Framer Block Power Supply (I/O)
RVDD
E3
J3
PWR
Receiver Analog Power Supply for LIU Section
TVDD
F3
K3
PWR
Transmitter Analog Power Supply for LIU Section
POWER SUPPLY PINS (1.8V)
SIGNAL NAME
BALL #
TYPE
DESCRIPTION
DVDD18
B8
C4
J16
R13
U7
PWR
Digital Power Supply for LIU Section
AVDD18
A2
PWR
Analog Power Supply for LIU Section
VDDPLL18
B1
C2
D2
D3
PWR
Analog Power Supply for PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com