Electronic Components Datasheet Search
  English  ▼

X  

HMC714LP5 Datasheet(PDF) 39 Page - Hittite Microwave Corporation

Part # HMC714LP5
Description  DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC714LP5 Datasheet(HTML) 39 Page - Hittite Microwave Corporation

Back Button HMC714LP5 Datasheet HTML 32Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 33Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 34Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 35Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 36Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 37Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 38Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 39Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 40Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 152
Due to part-to-part variations in log-slope and log-intercept, a system-level calibration is recommended to satisfy
absolute accuracy requirements. When performing this calibration, choose at least two test points: near the top-end
and bottom-end of the measurement range. It is best to measure the calibration points in the regions (of frequency and
amplitude) where accuracy is most important. Derive the log-slope and log-intercept, and store them in non-volatile
memory. Calibrate iPAR scaling by measuring the peak-to-average ratio of a known signal.
For example if the following two calibration points were measured at 2.35 GHz:
With Vrms = 2.34V at Pin= -7dBm,
and Vrms=1.84V at Pin= -16dBm
Slope Calibration Constant = SCC
SCC = (-16+7)/(1.84-2.34) = 18 dB/V
Intercept Calibration Constant = ICC
ICC = Pin – SCC*Vrms = -7 – 18.0 * 2.34 = -49.12dBm
Now performing a power measurement:
Vrms measures 2.13V
[Measured Pin] = [Measured Vrms]*SCC + ICC
[Measured Pin] = 2.13*18.0 – 49.12 = -10.78dBm
An error of only 0.22dB
Factory system calibration measurements should be made using an input signal representative of the application. If
the power detector will operate over a wide range of frequencies, choose a central frequency for calibration.
Layout Considerations
• Mount RF input coupling capacitors close to the IN+ and IN- pins.
• Solder the heat slug on the package underside to a grounded island which can draw heat away from the die
with low thermal impedance. The grounded island should be at RF ground potential.
• Connect power detector ground to the RF ground plane, and mount the supply decoupling capacitors close
to the supply pins.
Definitions:
• Log-slope: slope of PIN –> VRMS transfer characteristic. In units of mV/dB
• Log-intercept: x-axis intercept of PIN –> VRMS transfer characteristic. In units of dBm.
• RMS Output Error: The difference between the measured PIN and actual PIN using a line of best fit.
[measured_PIN] = [measured_VRMS] / [best-fit-slope] + [best-fit-intercept], dBm
• Input Dynamic Range: the range of average input power for which there is a corresponding RMS output
voltage with “RMS Output Error” falling within a specific error tolerance.
• Crest Factor: Peak power to average power ratio for time-varying signals.
System Calibration
HMC714LP5 / 714LP5E
v05.0309
DUAL RMS POWER DETECTOR
0.1 - 3.9 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com