Electronic Components Datasheet Search
  English  ▼

X  

HMC714LP5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC714LP5
Description  DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC714LP5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC714LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 114
HMC714LP5 / 714LP5E
DUAL RMS POWER DETECTOR
0.1 - 3.9 GHz
v05.0309
Features
Functional Diagram
Typical Applications
• Crest Factor (Peak-to-Average Power Ratio)
Measurement
• Envelope-to-Average Power Ratio Measurement
• Dual channel and channel difference
output ports
• Excellent Channel Matching and Channel
Isolation
• RF Signal Wave Shape & Crest Factor
Independent
• Supports Controller Mode[1]
• ± 1 dB Detection Accuracy to 3.9 GHz
• Input Dynamic Range -55 dBm to +15 dBm
• +5V Operation from -40° C to +85° C
• Excellent Temperature Stability
• Integrated Temperature Sensor
• Power-Down Mode
• 32 Lead 5x5mm SMT Package: 25mm2
• Log -> Root - Mean - Square (RMS)
Conversion
• Transmitter Power Control
• Receiver Automatic Gain Control
• Antenna VSWR Monitor
• Received Signal Strength Indication (RSSI)
• Transmitter Signal Strength Indication (TSSI)
• Dual Channel wireless infrastructure radio
[1] For more information regarding controller mode operation, please contact your Hittite sales representative or
email sales@hittite.com


Similar Part No. - HMC714LP5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7149 AD-HMC7149 Datasheet
927Kb / 10P
10 WATT GaN MMIC POWER AMPLIFIER,
More results

Similar Description - HMC714LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC610LP4 HITTITE-HMC610LP4 Datasheet
1Mb / 12P
70 dB RMS POWER DETECTOR, DC - 3.9 GHz
HMC-C054 HITTITE-HMC-C054 Datasheet
904Kb / 6P
RMS POWER DETECTOR 70 dB, 0.01 - 2 GHz
logo
Maxim Integrated Produc...
MAX2203 MAXIM-MAX2203 Datasheet
911Kb / 7P
RMS Power Detector
Rev 0; 10/09
logo
Hittite Microwave Corpo...
HMC909LP4E HITTITE-HMC909LP4E Datasheet
2Mb / 21P
RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
HMC1010LP4E HITTITE-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC - 3.9 GHz
HMC1020LP4E HITTITE-HMC1020LP4E Datasheet
1Mb / 22P
RMS POWER DETECTOR SINGLE-ENDED, DC - 3.9 GHz
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
HMC1030LP5E HITTITE-HMC1030LP5E Datasheet
4Mb / 38P
DUAL RMS POWER DETECTOR DC - 3.9 GHz
logo
Analog Devices
HMC1030LP5E AD-HMC1030LP5E Datasheet
4Mb / 38P
DUAL RMS POWER DETECTOR
logo
Maxim Integrated Produc...
MAX2202 MAXIM-MAX2202 Datasheet
980Kb / 8P
RMS Power Detector
Rev 1; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com