Electronic Components Datasheet Search
  English  ▼

X  

HMC714LP5 Datasheet(PDF) 28 Page - Hittite Microwave Corporation

Part # HMC714LP5
Description  DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC714LP5 Datasheet(HTML) 28 Page - Hittite Microwave Corporation

Back Button HMC714LP5 Datasheet HTML 24Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 25Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 26Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 27Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 28Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 29Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 30Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 31Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 32Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 141
Single
channel
RMS
detectors
exhibit
part-to-part
variations that tend to complicate simultaneous power
readings. Simultaneous signal power measurements are
particularly useful for automatic gain/level control and VSWR
measurements. When separate power detectors are used, the
lack of an accurate match between the power detectors will
produce measurement errors. Calibration and compensation
methods are required to counteract the differences between
the separate power detectors. The Dual RMS detector package
greatly simplifies that activity, and will reliably produce more
accurate measurements.
The
HMC714LP5E
provides
industry
leading
channel
matching performance with the use of proprietary techniques.
The channel mismatch is typically less than 20 mV over the
specified temperature and frequency range when the single-
ended input interface is used. Hittite “differential” evaluation
kits use M/A Com’s ETC1-1-13 balun, which are designed
to work up to 3 GHz. At frequencies lower than 3 GHz, the
mismatch between the two input baluns cause a larger variation
between the channels when compared to the single-ended
interface (typically ±25 mV up to 900 MHz and ±50 mV up to
2700 MHz). The input impedance mismatch presented by the
balun at signal frequencies beyond 3 GHz will further increase
the channel-to-channel variation. The “single-ended” input
interface does not have this limitation. The “single-ended”
interface can utilize the full input signal bandwidth of the power
detector; however the “single-ended” input interface is tuned.
The differential or balun input interface is best suited to very
wideband power measurements (100 MHz to 3 GHz), whereas
the single-ended input interface is best suited to signal power
measurement over bandwidths up to ±300 MHz (for ±1 dB
error tolerance) in the hole RF frequency range.
-0.16
-0.12
-0.08
-0.04
0
0.04
0.08
0.12
0.16
-50
-40
-30
-20
-10
0
10
0.1 GHz
0.5 Ghz
0.9 GHz
1.4 GHz
1.9 GHz
INPUT POWER (dBm)
Using wideband single-ended input interface
-0.16
-0.12
-0.08
-0.04
0
0.04
0.08
0.12
0.16
-50
-40
-30
-20
-10
0
10
INPUT POWER (dBm)
Using balun input interface
-0.16
-0.12
-0.08
-0.04
0
0.04
0.08
0.12
0.16
-50
-40
-30
-20
-10
0
10
3.3 GHz
3.4 GHz
3.5 GHz
3.6 GHz
3.7 GHz
3.8 GHz
3.9 GHz
INPUT POWER (dBm)
Using single-ended interface tuned for 3.6 GHz
-0.16
-0.12
-0.08
-0.04
0
0.04
0.08
0.12
0.16
-50
-40
-30
-20
-10
0
10
INPUT POWER (dBm)
Using balun input interface
Channel Matching [RMSA-RMSB] in
Wideband Single Ended Configuration
Channel Matching [RMSA-RMSB]
@ 900 MHz
Channel Matching [RMSA-RMSB] in
Single Ended Configuration tuned
@ 3.6 GHz
Channel Matching [RMSA-RMSB]
@ 3.5 GHz
Channel Matching
HMC714LP5 / 714LP5E
v05.0309
DUAL RMS POWER DETECTOR
0.1 - 3.9 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com