Electronic Components Datasheet Search
  English  ▼

X  

HMC714LP5 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC714LP5
Description  DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC714LP5 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC714LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 115
General Description
Electrical Specifications I, TA = +25°C, VCCA = VCCB = VCCBIAS = 5V, CINT = 0.1 μF
The HMC714LP5E is a dual-channel RMS power detector designed for high accuracy RF power signal measurement
and control applications over the 0.1 to 3.9 GHz frequency range. The device can be used with input signals having
RMS values from -55 dBm to +15 dBm referenced to 50 Ω and large crest factors with no accuracy degradation.
Each RMS detection channel is fully specified for operation up to 3.9 GHz, over a wide dynamic range of 70 dB. The
HMC714LP5E operates from a single +5V supply and provides two linear-in-dB detection outputs at the RMSA and
RMSB pins with scaled slopes of 37 mV/dB. The RMSA and RMSB channel outputs provide RMS detection perfor-
mance in terms of dynamic range, logarithmic linearity and temperature stability similar to Hittite’s HMC614LPE RMS
Detector. The RMSA and RMSB outputs provide a read of average input signal power, or true-RMS power. Frequency
detection up to 5.8 GHz is possible, with excellent channel matching of less than 0.5 dB (for the single-ended configu-
ration), over a wide range of input frequencies and with low temperature drift.
The HMC714LP5E also provides “channel difference” output ports via pins OUTP and OUTN, permitting measure-
ments of the input signal power ratio between the two power detection channels. These outputs may be used in
single-ended or differential configurations. An input voltage applied to the VLVL input pin is used to set the common
mode voltage reference level for OUTP and OUTN. On the Hittite evaluation board, the VLVL pin is shorted to VREF2
output to provide a nominal bias voltage of 2.5V; but any external bias voltage may be used to set VLVL.
The HMC714LP5E also features INSA and INSB pins which provide a measurement of instantaneous signal power
normalized to average power level in each channel. Reading both the INSA/INSB and RMSA/RMSB output voltage
signals provides a very informative picture of the RF input signal; providing peak power, average power, peak-to-
average power, and RF wave shape.
The device also includes a buffered PTAT temperature sensor output with a temperature scaling factor of 2.2 mV/°C
yielding a typical output voltage of 600 mV at 0°C.
The HMC714LP5E operates over the -40 to +85C temperature range, and is available in a compact, 32-lead 4x4 mm
leadless QFN package
Parameter
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Units
Dynamic Range (± 1 dB measurement error)
Input Signal Frequency
100
500
900
1900
2200
3000
3500
3900
MHz
Differential Input Configuration, Channel A
68
68
69
72
71
66
47
42
dB
Differential Input Configuration, Channel B
68
69
69
71
71
64
45
41
dB
Input Signal Frequency
100
900
1800 ± 300
2200 ± 300
3600 ± 300
MHz
Single-Ended Input Configuration, Channel A
70
62
71
69
61
dB
Single-Ended Input Configuration, Channel B
70
62
71
69
61
dB
Channel Isolations
Input Signal Frequency
100
500
900
1900
2200
3000
3500
3900
MHz
Input A to Input B Isolation
(Baluns Macom ETC1-1-13 at both channels)
72
70
69
53
51
56
48
47
dB
Input A to RMS
B Isolation
(PIN
B = -45 dBm, RMSB = RMSBINB ±1 dB)
60+
56
46
44
47
dB
Input B to RMS
A Isolation
(PIN
A = -45 dBm, RMSA = RMSAINA ±1 dB)
60+
58
46
44
48
dB
Input A to RMS
B Isolation
(PIN
B = -40 dBm, RMSB = RMSBINB ±1 dB)
47
39
dB
Input B to RMS
A Isolation
(PIN
A=-40 dBm, RMSA=RMSAINA ±1 dB)
43
28
dB
HMC714LP5 / 714LP5E
v05.0309
DUAL RMS POWER DETECTOR
0.1 - 3.9 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com