Electronic Components Datasheet Search
  English  ▼

X  

HMC714LP5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC714LP5
Description  DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC714LP5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC714LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC714LP5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 116
Parameter
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Units
Deviation vs Temperature: (Over full temperature range -40°C to 85°C. Deviation is measured from reference, which is CW input at 25°C
Differential Input Interface with 1:1 Balun Transformer (over full input frequency range)
± 0.6
dB
Wideband Single-Ended Input Interface suitable for input signal frequencies below 1000 MHz
± 0.5
dB
Tuned Single-Ended Input Interface Suitable for input signal frequencies above 1000 MHz
± 0.6
dB
Modulation Deviation (Deviation measured from reference, which is measured with CW input at equivalent input signal power,
VTGT=2V)
Input Signal Frequency
100
500
900
1900
2200
3000
3500
3900
MHz
256QAM (2 Mbps, 8dB Crest Factor)
-0.13
-0.1
-0.1
-0.1
-0.1
-0.1
-0.3
-0.3
mV/dB
WCDMA Single Carrier
(Test Model 1 with 64DPCH)
-0.3
-0.2
-0.2
-0.2
-0.2
-0.2
-0.2
-0.2
dBm
WCDMA 2 Carrier
(Test Model 1 with 64DPCH)
-0.5
-0.5
-0.4
-0.4
-0.3
-0.4
-0.4
-0.4
dBm
Modulation Deviation (Deviation measured from reference, which is measured with CW input at equivalent input signal power,
VTGT=1V)
Input Signal Frequency
100
500
900
1900
2200
3000
3500
3900
MHz
256QAM (2 Mbps, 8dB Crest Factor)
0.1
0.1
0.1
0.1
0.1
0.1
-0.2
-0.1
dB
WCDMA Single Carrier
(Test Model 1 with 64DPCH)
-0.1
-0.1
-0.1
-0.1
-0.1
-0.1
-0.1
-0.1
dB
WCDMA 2 Carrier
(Test Model 1 with 64DPCH)
-0.1
-0.1
-0.1
-0.1
-0.1
-0.1
-0.1
-0.1
dB
Differential Input Configuration Logarithmic Slope and Intercept
Input Signal Frequency
100
500
900
1900
2200
3000
3500
3900
MHz
Logarithmic Slope
37.3
37.1
37
36
36
36.1
36.2
38.2
mV/dB
Logarithmic Intercept
-70
-70
-69.5
-72
-71.5
-68.5
-68.5
-64
dBm
Max. Input Power at +-1dB Error
12
14
13
15
15
13
-5
-8
dBm
Min. Input Power at +-1dB Error
-56
-55
-56
-56
-56
-52
-52
-49
dBm
Single Ended Input Configuration Logarithmic Slope and Intercept
Input Signal Frequency
100
900
1800 ± 300
2200 ± 300
3600 ± 300
MHz
Logarithmic Slope
38.2
37.9
36.6
35.4
36.8
mV/dB
Logarithmic Intercept
-67
-67.5
-67
-67
-64.5
dBm
Max. Input Power at +-1dB Error
14
6
15
15
12
dBm
Min. Input Power at +-1dB Error
-56
-56
-56
-54
-49
dBm
iPAR Feature: INS[A,B] outputs follow Amplitude Modulated Envelope Power, scaled to Average (RMS) Signal Power
INS[A,B] and IREF[A,B] are measured with Rext = 3.9 kΩ and 50 kΩ active scope probe
IREF[A,B] Output Voltage
1.6
V
INS[A,B] Output Voltage, with CW Input Signal (EAR = 1: Reference Condition)[1]
1.6
V
INS[A,B] Scaling Factor (SF) with VTGT = 2V
190
mV
INS[A,B] Scaling Factor (SF) with VTGT = 1V
95
mV
INS[A,B] Output: Variation over Temperature (-40C to 85C)
± 2
%
INS[A,B] Output: 3 dB Video BW
35
MHz
[1] EAR: Amplitude Modulated Envelope Signal Power-to-Average (RMS) Signal Power Ratio; EAR = 1 for CW signals
HMC714LP5 / 714LP5E
v05.0309
DUAL RMS POWER DETECTOR
0.1 - 3.9 GHz
Electrical Specifications II, TA = +25°C, VCCA = VCCB = VCCBIAS = 5V, CINT = 0.1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com