Electronic Components Datasheet Search
  English  ▼

X  

MP400FC Datasheet(PDF) 6 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 6 Page - Cirrus Logic

Back Button MP400FC Datasheet HTML 2Page - Cirrus Logic MP400FC Datasheet HTML 3Page - Cirrus Logic MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic MP400FC Datasheet HTML 9Page - Cirrus Logic MP400FC Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP400
6
MP400U
-35
-25
-15
-5
5
15
25
35
C
C = 0pF
C
C = 1pF
C
C = 2.2pF
C
C = 10pF
C
C = 22pF
C
C = 5pF
LARGE SIGNAL GAIN vs. COMPENSATION, V
O = 50VP-P
A
V = +26
R
BIAS = 100K
R
F = 35.7K
R
G = 1.5K
R
L = 50K
V
S = ±50V
FREQUENCY, KHz
10
1K
100
10K
-35
-25
-15
-5
5
15
25
35
C
C = 0pF
C
C = 1pF
C
C = 2.2pF
C
C = 10pF
C
C = 22pF
C
C = 5pF
SMALL SIGNAL GAIN vs. COMPENSATION, V
O = 5VP-P
A
V = +26
R
BIAS = 100K
R
F = 35.7K
R
G = 1.5K
R
L = 50K
V
S = ±50V
FREQUENCY, KHz
10
1K
100
10K
FREQUENCY, KHz
10
1K
100
-35
-25
-15
-5
5
15
25
35
45
C
C = 0pF
C
C = 1pF
C
C = 2.2pF
C
C = 10pF
C
C = 22pF
C
C = 5pF
SMALL SIGNAL GAIN vs. COMPENSATION, V
O = 500mVP-P
A
V = +26
R
BIAS = 100K
R
C = 3.3K
R
F = 35.7K
R
G = 1.5K
R
L = 50K
V
S = ±50V
10K
GAIN vs. INPUT/OUTPUT SIGNAL LEVEL
-25
-15
-5
5
15
25
35
45
500 mV
P-P
50 V
P-P
5 V
P-P
A
V = +51
R
BIAS = 100K
R
C = OPEN
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±50V
FREQUENCY, KHz
10
1K
100
10K
SMALL SIGNAL OPEN LOOP PHASE
-90
-60
-30
0
30
60
90
120
150
180
C
S = 68pF
P
IN = -40dBm
R
BIAS = 100K
R
S = 48.7Ω
V
S = ±50V
FREQUENCY, KHz
100
1000
10
1
R
C = OPEN, CC = 0pF
R
C = 3.3K, CC = 1pF
R
C = 3.3K, CC = 2.2pF
R
C = 3.3K, CC = 5pF
R
C = 3.3K, CC = 10pF
R
C = 3.3K, CC = 22pF
SMALL SIGNAL OPEN LOOP PHASE, V
O = 250mVP-P
-90
-60
-30
0
30
60
90
120
150
180
C
S = 68pF
P
IN = -40dBm
R
BIAS = OPEN
R
S = 48.7Ω
FREQUENCY, KHz
100
1000
10
1
R
C = OPEN, CC = 0pF
R
C = 3.3K, CC = 1pF
R
C = 3.3K, CC = 2.2pF
R
C = 3.3K, CC = 5pF
R
C = 3.3K, CC = 10pF
R
C = 3.3K, CC = 22pF
SMALL SIGNAL OPEN LOOP GAIN
-20
0
20
40
60
80
100
FREQUENCY, KHz
100
C
S = 68pF
P
IN = -40dBm
R
BIAS = OPEN
R
S = 48.7Ω
V
S = ±50V
1000
10
1
R
C = OPEN, CC = 0pF
R
C = 3.3K, CC = 1pF
R
C = 3.3K, CC = 2.2pF
R
C = 3.3K, CC = 5pF
R
C = 3.3K, CC = 10pF
R
C = 3.3K, CC = 22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com