Electronic Components Datasheet Search
  English  ▼

X  

MP400FC Datasheet(PDF) 9 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 9 Page - Cirrus Logic

Back Button MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic MP400FC Datasheet HTML 9Page - Cirrus Logic MP400FC Datasheet HTML 10Page - Cirrus Logic MP400FC Datasheet HTML 11Page - Cirrus Logic MP400FC Datasheet HTML 12Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP400
MP400U
9
SUPPLY CURRENT vs. FREQUENCY
0
5
10
15
20
25
30
1000
100
10
Frequency, (KHz sine wave)
V
IN = 3VP
A
V = +51
C
L = 8pF
C
S = 68pF
R
F = 75K
R
G = 1.5K
R
L = 50K
R
S = 48.7Ω
V
S = ±150V
V
IN = 6VP
I
S vs. VIN
0
2
4
6
8
10
12
14
16
18
V
IN, VP-P (100KHz sine wave)
A
V = +51
C
L = 8pF
C
S = 68pF
R
F = 75K
R
G = 1.5K
R
L = 50K
R
S = 48.7Ω
V
S = ±150V
1
9
8
7
6
5
4
3
2
0
OVERDRIVE RECOVERY
-300
-200
-100
0
100
200
300
TIME, µs
-6
-4
-2
0
2
4
6
OUTPUT
INPUT
A
V = +51
C
C = OPEN
C
L = 8pF
R
C = OPEN
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
-4
12
10
8
6
4
2
0
-2
-6
PULSE RESPONSE
-0.05
0
0.05
0.1
0.15
0.2
TIME,µs
6
0
-1
A
V = +51
C
L = 8pF
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
5
4
3
2
1
SR+/SR- (25%-75%)
0
200
400
600
800
1000
1200
1400
1600
INPUT VOLTAGE, VOLTS PEAK-TO-PEAK
SR+(A
V = -50)
SR-(A
V = -50)
SR+(A
V = +51)
SR-(A
V = +51)
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
C
L = 8pF
0
1
2
3
4
5
6
7 8
9 10 11 12 13 14 15
SR+/SR- (25%-75%)
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
C
L = 8pF
0
200
400
600
800
1000
1200
PEAK TO PEAK INPUT VOLTAGE
SR+(A
V = -25)
SR-(A
V = -25)
SR+(A
V = +26)
SR-(A
V = +26)
0
1
2
3
4
5
6
7 8
9 10 11 12 13 14 15
General
Please read Application note 1 “General operating considerations” which covers stability, power supplies,
heat sinking, mounting, current limit, SOA interpretation, and specification interpretation. Visit www.cirrus.com for
design tools that help automate tasks such as calculations for stability, internal power dissipation, and current limit.
There you will also find a complete application notes library, technical seminar workbook, and evaluation kits.
theory oF oPeration
The PA78 is designed specifically as a high speed pulse amplifier. In order to achieve high slew rates with low idle
current, the internal design is quite different from traditional voltage feedback amplifiers. Basic op amp behaviors
like high input impedance and high open loop gain still apply. But there are some notable differences, such as signal
dependent supply current, bandwidth and output impedance, among others. The impact of these differences varies
depending on application performance requirements and circumstances. These different behaviors are ideal for
some applications but can make designs more challenging in other circumstances.
sUPPly cUrrent anD ByPass caPacitance
A traditional voltage feedback amplifier relies on fixed current sources in each stage to drive the parasitic capaci-
tances of the next stage. These currents combine to define the idle or quiescent current of the amplifier. By design,
these fixed currents are often the limiting parameter for slew rate and bandwidth of the amplifier. Amplifiers which
are high voltage and have fast slew rates typically have high idle currents and dissipate notable power with no sig-
nal applied to the load. At the heart of the PA78 design is a signal dependent current source which strikes a new
balance between supply current and dynamic performance. With small input signals, the supply current of the PA78
is very low, idling at less than 1 mA. With large transient input signals, the supply currents increase dramatically to
allow the amplifier stages to respond quickly. The Pulse Response plot in the typical performance section of this
datasheet describes the dynamic nature of the supply current with various input transients.
Choosing proper bypass capacitance requires careful consideration of the dynamic supply currents. High frequency
ceramic capacitors of 0.1 µF or more should be placed as close as possible to the amplifier supply pins. The in-
ductance of the routing from the supply pins to these ceramic capacitors will limit the supply of peak current during
transients, thus reducing the slew rate of the PA78. The high frequency capacitance should be supplemented by
additional bypass capacitance not more than a few centimeters from the amplifier. This additional bypass can be
a slower capacitor technology, such as electrolytic, and is necessary to keep the supplies stable during sustained
output currents. Generally, a few microfarad is sufficient.
sMall siGnal PerForMance
The small signal performance plots in the typical performance section of this datasheet describe the behavior when
the dynamic current sources described previously are near the idle state. The selection of compensation capacitor
directly affects the open loop gain and phase performance.
Depending on the configuration of the amplifier, these plots show that the phase margin can diminish to very low
levels when left uncompensated. This is due to the amount of bias current in the input stage when the part is in
standby. An increase in the idle current in the output stage of the amplifier will improve phase margin for small sig-
nals although will increase the overall supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com