Electronic Components Datasheet Search
  English  ▼

X  

MP400FC Datasheet(PDF) 11 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 11 Page - Cirrus Logic

Back Button MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic MP400FC Datasheet HTML 9Page - Cirrus Logic MP400FC Datasheet HTML 10Page - Cirrus Logic MP400FC Datasheet HTML 11Page - Cirrus Logic MP400FC Datasheet HTML 12Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP400
MP400U
11
layoUt consiDerations
The PA78 is built on a dielectrically isolated process and the package tab is therefore not electrically connected
to the amplifier. For high speed operation, the package tab should be connected to a stable reference to reduce
capacitive coupling between amplifier nodes and the floating tab. It is often convenient to directly connect the tab
to GND or one of the supply rails, but an AC connection through a 1µF capacitor to GND is also sufficient if a DC
connection is undesirable
Care should be taken to position the R
C / CC compensation networks close
to the amplifier compensation pins. Long loops in these paths pick up noise
and increase the likelihood of LC interactions and oscillations.
sMPs oPeration
The MP400FC is designed to operate off of a standard voltage rail. Typi-
cal values include 12 V, 24 V, or 48 V. The addition of the on-board SMPS
eliminates the need to design or purchase a high voltage power supply. The
only inputs required by the SMPS are the V
IN source. Input and output filter
capacitor, and boost voltage set resistor (R
SET).
The SMPS output can be adjusted between a minimum of 50 V to a max-
imum of 350 V. The voltage boost adjustment is independent of V
IN. Ad-
justment to the boost level is made through a resistor from the R
SET pin to
ground. The resistor value is:
Where V
BOOST = desired SMPS voltage.
Example:
1) Desired V
BOOST = 160 V
2) R
SET = 1K (1066 by equation)
If R
SET is open, VBOOST will be 50 V. If RSET is shorted to ground VBOOST will be limited to 350 V.
Note that while the MP400 SMPS generates a positive voltage from 50 V to 350 V, the amplifier may operate from
a variety of supply voltages. Symmetric, asymmetrical and single supply configurations can be used so long as the
total supply voltage from +V
S to -VS does not exceed 350 V. The amplifier performance graphs in this datasheet
include some plots taken with symmetrical supplies, but those plots generally apply to all supply configurations.
sMPs oUtPUt caPacitor
An external SMPS output filter capacitor is required for proper operation. ESR considerations prevail in the choice
of the output filter capacitor. Select the highest value capacitor that meets the following ESR requirement. The
minimum value for C
BOOST is 100 µF.
ESR = dVo/I
LPK
Where,
dVo
= The maximum acceptable output ripple voltage
I
LPK
= Peak inductor current = (1/L) • V
IN • ton
L
= 10-6 if the internal inductor is used.
V
IN
= Input voltage of the application.
ton
= √(2 • Io • L • ((Vo + 0.6 - V
IN)/(FSW • VIN
2
)))
V
BOOST
= The boost supply voltage of the application.
I
O
= The maximum continuous output current for the application.
F
SW
= 100 KHz switching frequency of the MP400FC boost supply.
SMPS Output vs. RSET
1
10
100
1000
10000
100000
VBoost (V)
50
100 150 200 250 300 350
R
SET =
- 615
1.85 • 105
V
BOOST - 49.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com