Electronic Components Datasheet Search
  English  ▼

X  

MP400FC Datasheet(PDF) 10 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 10 Page - Cirrus Logic

Back Button MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic MP400FC Datasheet HTML 9Page - Cirrus Logic MP400FC Datasheet HTML 10Page - Cirrus Logic MP400FC Datasheet HTML 11Page - Cirrus Logic MP400FC Datasheet HTML 12Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP400
10
MP400U
Current can be injected into the output stage by adding a resistor, R
BIAS, between CC- and VS+. The size of RBIAS will
depend upon the application but 500 µA (50 V V+ supply/100K) of added bias current shows significant improve-
ment in the small signal phase plots. Adding this resistor has little to no impact on small signal gain or large signal
performance as under these conditions the current in the input stage is elevated over its idle value. It should also
be noted that connecting a resistor to the upper supply only injects a fixed current and if the upper supply is fixed
and well bypassed. If the application includes variable or adjustable supplies, a current source diode could also be
used. These two terminal components combine a JFET and resistor connected within the package to behave like
a current source.
As a second stability measure, the PA78 is externally compensated and performance can be optimized to the ap-
plication. Unlike the R
BIAS technique, external phase compensation maintains the low idle current but does affect
the large signal response of the amplifier. Refer to the small and large signal response plots as a guide in making
the tradeoffs between bandwidth and stability. Due to the unique design of the PA78, two symmetric compensation
networks are required. The compensation capacitor C
C must be rated for a working voltage of the full operating
supply voltage (+V
S to –VS). NPO capacitors are recommended to maintain the desired level of compensation over
temperature.
The PA78 requires an external 33 pF capacitor between C
C- and -VS to prevent oscillations in the falling edge of the
output. This capacitor should be rated for the full supply voltage (+V
S to -VS).
larGe siGnal PerForMance
As the amplitude of the input signal increases, the internal dynamic current sources increase the operation band-
width of the amplifier. This unique performance is apparent in its slew rate, pulse response, and large signal perfor-
mance plots. Recall the previous discussion about the relationships between signal amplitude, supply current, and
slew rate. As the amplitude of the input amplitude increases from 1 V
P-P to 15 VP-P, the slew rate increases from 50
V/µs to well over 350 V/µs.
Notice the knee in the Rise and Fall times plot, at approximately 6 V
P-P input voltage. Beyond this point the output
becomes clipped by the supply rails and the amplifier is no longer operating in a closed loop fashion. The rise and
fall times become faster as the dynamic current sources are providing maximum current for slewing. The result of
this amplifier architecture is that it slews fast, but allows good control of overshoot for large input signals. This can
be seen clearly in the large signal Transient Response plots.
heatsinkinG anD saFe oPeratinG area
The MOSFET output stage of the PA78 is not limited by second break-
down considerations as in bipolar output stages. Only thermal con-
siderations of the package and current handling capabilities limit the
Safe Operating Area. The SOA plots include power dissipation limita-
tions which are dependent upon case temperature. Keep in mind that
the dynamic current sources which drive high slew rates can increase
the operating temperature of the amplifier during periods of repeated
slewing. The plot of supply current vs. input signal amplitude for a 100
kHz signal provides an indication of the supply current with repeated
slewing conditions. This application dependent condition must be con-
sidered carefully.
The output stage is self-protected against transient flyback by the para-
sitic body diodes of the output stage. However, for protection against
sustained high energy flyback, external, fast recovery diodes must be
used.
cUrrent liMit
For proper operation, the current limit resistor, R
LIM, must be connected as shown in the external connections dia-
gram. For maximum reliability and protection, the largest resistor value should be used. The maximum practical
value for R
LIM is about 12 Ω. However, refer to the SOA curves for each package type to assist in selecting the op-
timum value for Rlim in the intended application. Current limit may not protect against short circuit conditions with
supply voltages over 200 V.
SOA
0
20
40
60
80
100
120
140
160
10
100
1000
SUPPLY TO OUTPUT DIFFERENTIAL, V
S-VO (V)
25°C
125°C
75°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com