Electronic Components Datasheet Search
  English  ▼

X  

MP400FC Datasheet(PDF) 8 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 8 Page - Cirrus Logic

Back Button MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic MP400FC Datasheet HTML 9Page - Cirrus Logic MP400FC Datasheet HTML 10Page - Cirrus Logic MP400FC Datasheet HTML 11Page - Cirrus Logic MP400FC Datasheet HTML 12Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP400
8
MP400U
TIME, µs
0
30
10
8
6
4
2
-2
-6 -4
28
26
24
22
20
18
16
14
12
PULSE RESPONSE vs. CAP LOAD
A
V = -50
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
300pF, 1V
P-P
200pF, 1V
P-P
100pF, 1V
P-P
-80
-60
-40
-20
0
20
40
60
80
100
120
140
-80
-60
-40
-20
0
20
40
60
80
100
120
140
300pF, 2V
P-P
200pF, 2V
P-P
100pF, 2V
P-P
PULSE RESPONSE vs. CAP LOAD
A
V = -50
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
C
L = 8pF
TIME, µs
0
30
10
8
6
4
2
-2
-6 -4
28
26
24
22
20
18
16
14
12
PULSE RESPONSE vs. CAP LOAD
A
V = -50
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
-80
-60
-40
-20
0
20
40
60
80
100
120
140
TIME, µs
300pf, 3V
P-P
200pf, 3V
P-P
100pf, 3V
P-P
0
30
10
8
6
4
2
-2
-6 -4
28
26
24
22
20
18
16
14
12
SUPPLY CURRENT vs. FREQUENCY
0
5
10
15
20
25
30
1000
100
10
Frequency, (KHz sine wave)
V
IN = 3VP
A
V = +51
C
L = 8pF
C
S = 68pF
R
F = 75K
R
G = 1.5K
R
L = 50K
R
S = 48.7Ω
V
S = ±150V
V
IN = 6VP
I
S vs. VIN
0
2
4
6
8
10
12
14
16
18
V
IN, VP-P (100KHz sine wave)
A
V = +51
C
L = 8pF
C
S = 68pF
R
F = 75K
R
G = 1.5K
R
L = 50K
R
S = 48.7Ω
V
S = ±150V
1
9
8
7
6
5
4
3
2
0
OVERDRIVE RECOVERY
-300
-200
-100
0
100
200
300
TIME, µs
-6
-4
-2
0
2
4
6
OUTPUT
INPUT
A
V = +51
C
C = OPEN
C
L = 8pF
R
C = OPEN
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
-4
12
10
8
6
4
2
0
-2
-6
PULSE RESPONSE
-0.05
0
0.05
0.1
0.15
0.2
TIME,µs
6
0
-1
A
V = +51
C
L = 8pF
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
5
4
3
2
1
SR+/SR- (25%-75%)
0
200
400
600
800
1000
1200
1400
1600
INPUT VOLTAGE, VOLTS PEAK-TO-PEAK
SR+(A
V = -50)
SR-(A
V = -50)
SR+(A
V = +51)
SR-(A
V = +51)
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
C
L = 8pF
0
1
2
3
4
5
6
7 8
9 10 11 12 13 14 15
SR+/SR- (25%-75%)
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
C
L = 8pF
0
200
400
600
800
1000
1200
PEAK TO PEAK INPUT VOLTAGE
SR+(A
V = -25)
SR-(A
V = -25)
SR+(A
V = +26)
SR-(A
V = +26)
0
1
2
3
4
5
6
7 8
9 10 11 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com