Electronic Components Datasheet Search
  English  ▼

X  

MP400FC Datasheet(PDF) 7 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 7 Page - Cirrus Logic

Back Button MP400FC Datasheet HTML 3Page - Cirrus Logic MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic MP400FC Datasheet HTML 9Page - Cirrus Logic MP400FC Datasheet HTML 10Page - Cirrus Logic MP400FC Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP400
MP400U
7
RISE AND FALL TIME (10% - 90%)
0
0.2
0.4
0.6
0.8
1
TR
TF
A
V = +51
C
L = 8pF
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
0
2
4
6
8
10
12
14
16
PEAK-TO-PEAK INPUT VOLTAGE
SR+/SR- (25% - 75%)
SR+
SR-
A
V = +26
C
L = 8pF
R
F = 35.6K
R
G = 1.5K
R
L = 50K
V
S = ±150V
0
2
4
6
8
10
12
14
16
PEAK-TO-PEAK INPUT VOLTAGE
0
200
400
600
800
1000
SR+/SR- (25% -75%)
SR+
SR-
A
V = +51
C
L = 8pF
R
F = 75K
R
G = 1.5K
R
L = 50K
V
S = ±150V
0
2
4
6
8
10
12
14
16
PEAK-TO-PEAK INPUT VOLTAGE
0
200
400
600
800
1000
SR+/SR- (25% - 75%)
0
200
400
600
800
1000
PEAK-TO-PEAK INPUT VOLTAGE
SR+
SR-
A
V = +101
C
L = 8pF
R
F = 25K
R
G = 250Ω
R
L = 50K
V
S = ±150V
0
2
4
6
8
10
12
14
16
PULSE RESPONSE vs. C
C AND RC
-150
-120
-90
-60
-30
0
30
60
90
120
150
-2.4
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
2.4
3.0
TIME, µs
0
1
2
3
4
5
6
-1
-2
7
8
A
V = +51
C
C = 68pF
C
L = 330pF
R
C = 48Ω
R
F = 75K
R
G = 1.5K
R
L = OPEN
V
S = ±150V
Out - 0pF
Out - 1pF & 3.3K
Out - 5pF & 3.3K
input
-3.0
TIME, µs
-150
-100
-50
0
50
100
150
TRANSIENT RESPONSE
-8
-6
-4
-2
0
2
4
6
8
A
V = +26
C
C = 2.2pF
C
L = 8pF
R
C = 3.3K
R
F = 35.7K
R
G = 1.5K
R
L = 50K
10V
P-P
input10
-2
0
2
4
6
8
10
12
-4
2V
P-P
input2
TIME, µs
-30
-20
-10
0
10
20
30
-1.5
-1
-0.5
0
0.5
1
1.5
TRANSIENT RESPONSE
A
V = +26
C
C = 2.2pF
C
L = 8pF
R
C = 3.3K
R
F = 35.7K
R
G = 1.5K
R
L = 50K
-2
0
2
4
6
8
10
12
-4
1V
P-P
input1
-15
-10
-5
0
5
10
15
TIME, µs
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
-2
0
2
4
6
8
10
12
-4
TRANSIENT RESPONSE
A
V = +26
C
C = 2.2pF
C
L = 8pF
R
C = 3.3K
R
F = 35.7K
R
G = 1.5K
R
L = 50K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com