Electronic Components Datasheet Search
  English  ▼

X  

MCP40D18T Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP40D18T
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D18T Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP40D18T Datasheet HTML 18Page - Microchip Technology MCP40D18T Datasheet HTML 19Page - Microchip Technology MCP40D18T Datasheet HTML 20Page - Microchip Technology MCP40D18T Datasheet HTML 21Page - Microchip Technology MCP40D18T Datasheet HTML 22Page - Microchip Technology MCP40D18T Datasheet HTML 23Page - Microchip Technology MCP40D18T Datasheet HTML 24Page - Microchip Technology MCP40D18T Datasheet HTML 25Page - Microchip Technology MCP40D18T Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
MCP40D17/18/19
DS22152B-page 22
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-51:
50 k
Ω : Write Wiper
(40h
→ 3Fh) Settling Time (V
DD=5.5V).
FIGURE 2-52:
50 k
Ω : Write Wiper
(40h
→ 3Fh) Settling Time (V
DD=2.7V).
FIGURE 2-53:
50 k
Ω : Write Wiper
(40h
→ 3Fh) Settling Time (V
DD=1.8V).
FIGURE 2-54:
50 k
Ω : Write Wiper
(FFh
→ 00h) Settling Time (V
DD=5.5V).
FIGURE 2-55:
50 k
Ω : Write Wiper
(FFh
→ 00h) Settling Time (V
DD=2.7V).
FIGURE 2-56:
50 k
Ω : Write Wiper
(FFh
→ 00h) Settling Time (V
DD=1.8V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com