Electronic Components Datasheet Search
  English  ▼

X  

MCP40D18T Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP40D18T
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D18T Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP40D18T Datasheet HTML 37Page - Microchip Technology MCP40D18T Datasheet HTML 38Page - Microchip Technology MCP40D18T Datasheet HTML 39Page - Microchip Technology MCP40D18T Datasheet HTML 40Page - Microchip Technology MCP40D18T Datasheet HTML 41Page - Microchip Technology MCP40D18T Datasheet HTML 42Page - Microchip Technology MCP40D18T Datasheet HTML 43Page - Microchip Technology MCP40D18T Datasheet HTML 44Page - Microchip Technology MCP40D18T Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 41
MCP40D17/18/19
6.0
RESISTOR NETWORK
The Resistor Network is made up of two parts. These
are:
• Resistor Ladder
•Wiper
Figure 6-1 shows a block diagram for the resistive
network.
Digital potentiometer applications can be divided into
two resistor network categories:
• Rheostat configuration
• Potentiometer (or voltage divider) configuration
The MCP40D17 is a true rheostat, with terminal B and
the wiper (W) of the variable resistor available on pins.
The MCP40D18 device offers a voltage divider
(potentiometer) with terminal B internally connected to
ground.
The MCP40D19 device is a Rheostat device with
terminal A of the resistor floating, terminal B internally
connected to ground, and the wiper (W) available on
pin.
6.1
Resistor Ladder Module
The resistor ladder is a series of equal value resistors
(RS) with a connection point (tap) between the two
resistors. The total number of resistors in the
series (ladder)
determines
the
RAB
resistance
(see Figure 6-1). The end points of the resistor ladder
are connected to the device Terminal A and Terminal B
pins. The RAB (and RS) resistance has small variations
over voltage and temperature.
The Resistor Network has 127 resistors in a string
between terminal A and terminal B. This gives 7-bits of
resolution.
The wiper can be set to tap onto any of these 127
resistors
thus
providing
128
possible
settings
(including terminal A and terminal B). This allows zero
scale to full scale connections.
A wiper setting of 00h connects the Terminal W (wiper)
to Terminal B (Zero Scale). A wiper setting of 3Fh is the
Mid scale setting. A wiper setting of 7Fh connects
the Terminal W (wiper) to Terminal A (Full Scale).
Table 6-1 illustrates the full wiper setting map.
Terminal A and B as well as the wiper W do not have a
polarity. These terminals can support both positive and
negative current.
FIGURE 6-1:
Resistor Network Block
Diagram.
TABLE 6-1:
WIPER SETTING MAP
Wiper Setting
Properties
07Fh
Full Scale (W = A)
07Eh - 040h
W = N
03Fh
W = N (Mid Scale)
03Eh - 001h
W = N
000h
Zero Scale (W = B)
RS
A
RS
RS
RS
B
N = 127
N = 126
N = 125
N = 1
N = 0
RW (1)
W
01h
Analog
Mux
RW (1)
00h
RW (1)
7Dh
RW (1)
7Eh
RW (1)
7Fh
Note 1: The wiper resistance is tap dependent.
That is, each tap selection resistance
has a small variation. This variation has
more effect on devices with smaller RAB
resistance (5.0 k
Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com