Electronic Components Datasheet Search
  English  ▼

X  

MCP40D18T Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP40D18T
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D18T Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP40D18T Datasheet HTML 16Page - Microchip Technology MCP40D18T Datasheet HTML 17Page - Microchip Technology MCP40D18T Datasheet HTML 18Page - Microchip Technology MCP40D18T Datasheet HTML 19Page - Microchip Technology MCP40D18T Datasheet HTML 20Page - Microchip Technology MCP40D18T Datasheet HTML 21Page - Microchip Technology MCP40D18T Datasheet HTML 22Page - Microchip Technology MCP40D18T Datasheet HTML 23Page - Microchip Technology MCP40D18T Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
MCP40D17/18/19
DS22152B-page 20
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-39:
50 k
Ω Pot Mode : R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Temperature (VDD = 5.5V).
FIGURE 2-40:
50 k
Ω Pot Mode : R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Temperature (VDD = 2.7V).
FIGURE 2-41:
50 k
Ω Pot Mode : R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Temperature (VDD = 1.8V).
FIGURE 2-42:
50 k
Ω Rheo Mode : R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Temperature (VDD = 5.5V).(IW = 90 µA, B = VSS)
FIGURE 2-43:
50 k
Ω Rheo Mode : R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Temperature (VDD = 2.7V).(IW = 45 µA, B = VSS).
FIGURE 2-44:
50 k
Ω Rheo Mode : R
W (Ω),
INL (LSb), DNL (LSb) vs. Wiper Setting and
Temperature (VDD = 1.8V). (IW =260 µA, B = VSS).
20
40
60
80
100
120
0
326496
Wiper Setting (decimal)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
-40°C
25°C
85°C
125°C
20
60
100
140
180
220
260
300
032
64
96
Wiper Setting (decimal)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
-40°C
25°C
85°
RW
125°C
Note:
Refer to AN1080 for additional informa-
tion on the characteristics of the wiper
resistance (RW) with respect to device
voltage and wiper setting value.
0
2000
4000
6000
8000
10000
032
64
96
Wiper Setting (decimal)
-0.35
-0.25
-0.15
-0.05
0.05
0.15
0.25
0.35
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
20
40
60
80
100
120
0
326496
Wiper Setting (decimal)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
-40°C
25°C
85°C
125°C
20
60
100
140
180
220
260
300
0
326496
Wiper Setting (decimal)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW
-40°C
25°C
85°C
125°C
Note:
Refer to AN1080 for additional informa-
tion on the characteristics of the wiper
resistance (RW) with respect to device
voltage and wiper setting value.
0
2000
4000
6000
8000
10000
032
64
96
Wiper Setting (decimal)
-1
1
3
5
7
9
11
13
15
17
19
21
23
-40C Rw
25C Rw
85C Rw
125C Rw
-40C INL
25C INL
85C INL
125C INL
-40C DNL
25C DNL
85C DNL
125C DNL
INL
DNL
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com