Electronic Components Datasheet Search
  English  ▼

X  

MCP40D18T Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP40D18T
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D18T Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP40D18T Datasheet HTML 7Page - Microchip Technology MCP40D18T Datasheet HTML 8Page - Microchip Technology MCP40D18T Datasheet HTML 9Page - Microchip Technology MCP40D18T Datasheet HTML 10Page - Microchip Technology MCP40D18T Datasheet HTML 11Page - Microchip Technology MCP40D18T Datasheet HTML 12Page - Microchip Technology MCP40D18T Datasheet HTML 13Page - Microchip Technology MCP40D18T Datasheet HTML 14Page - Microchip Technology MCP40D18T Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 11
MCP40D17/18/19
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS =GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SC70
θ
JA
—331
—
°C/W Note 1
Thermal Resistance, 6L-SC70
θ
JA
—207
—
°C/W
Note 1:
Package Power Dissipation (PDIS) is calculated as follows:
PDIS = (TJ - TA) / θJA,
where: TJ = Junction Temperature, TA = Ambient Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com