Electronic Components Datasheet Search
  English  ▼

X  

MCP40D18T Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP40D18T
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D18T Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP40D18T Datasheet HTML 26Page - Microchip Technology MCP40D18T Datasheet HTML 27Page - Microchip Technology MCP40D18T Datasheet HTML 28Page - Microchip Technology MCP40D18T Datasheet HTML 29Page - Microchip Technology MCP40D18T Datasheet HTML 30Page - Microchip Technology MCP40D18T Datasheet HTML 31Page - Microchip Technology MCP40D18T Datasheet HTML 32Page - Microchip Technology MCP40D18T Datasheet HTML 33Page - Microchip Technology MCP40D18T Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
MCP40D17/18/19
DS22152B-page 30
© 2009 Microchip Technology Inc.
3.1
Positive Power Supply Input (VDD)
The VDD pin is the device’s positive power supply input.
The input power supply is relative to VSS and can range
from 1.8V to 5.5V. A de-coupling capacitor on VDD
(to VSS) is recommended to achieve maximum
performance.
While the device’s voltage is in the range of
1.8V
≤ V
DD < 2.7V, the Resistor Network’s electrical
performance of the device may not meet the data sheet
specifications.
3.2
Ground (VSS)
The VSS pin is the device ground reference.
3.3
I2C Serial Clock (SCL)
The SCL pin is the serial clock pin of the I2C interface.
The MCP40D17/18/19 acts only as a slave and the
SCL pin accepts only external serial clocks. The SCL
pin is an open-drain output. Refer to Section 5.0
“Serial Interface - I2C Module” for more details of I2C
Serial Interface communication.
3.4
I2C Serial Data (SDA)
The SDA pin is the serial data pin of the I2C interface.
The SDA pin has a Schmitt trigger input and an
open-drain output. Refer to Section 5.0 “Serial
Interface - I2C Module” for more details of I2C Serial
Interface communication.
3.5
Potentiometer Terminal B
The terminal B pin (available on some devices) is
connected to the internal potentiometer’s terminal B.
The potentiometer’s terminal B is the fixed connection
to the Zero Scale (0x00 tap) wiper value of the digital
potentiometer.
The terminal B pin is available on the MCP40D17
device. The terminal B pin does not have a polarity
relative to the terminal W pin. The terminal B pin can
support both positive and negative current. The voltage
on terminal B must be between VSS and VDD.
The terminal B pin is not available on the MCP40D18
and MCP40D19 devices. For these devices, the
potentiometer’s terminal B is internally connected to
VSS.
3.6
Potentiometer Wiper (W) Terminal
The terminal W pin is connected to the internal
potentiometer’s terminal W (the wiper). The wiper
terminal is the adjustable terminal of the digital
potentiometer. The terminal W pin does not have a
polarity relative to terminals A or B pins. The terminal
W pin can support both positive and negative current.
The voltage on terminal W must be between VSS and
VDD.
3.7
Potentiometer Terminal A
The terminal A pin (available on some devices) is
connected to the internal potentiometer’s terminal A.
The potentiometer’s terminal A is the fixed connection
to the Full Scale (0x7F tap) wiper value of the digital
potentiometer.
The terminal A pin is available on the MCP40D18
devices. The terminal A pin does not have a polarity
relative to the terminal W pin. The terminal A pin can
support both positive and negative current. The voltage
on terminal A must be between VSS and VDD.
The terminal A pin is not available on the MCP40D17
and MCP40D19 devices. For these devices, the
potentiometer’s terminal A is internally floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com