Electronic Components Datasheet Search
  English  ▼

X  

MCP40D18T Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP40D18T
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D18T Datasheet(HTML) 5 Page - Microchip Technology

  MCP40D18T Datasheet HTML 1Page - Microchip Technology MCP40D18T Datasheet HTML 2Page - Microchip Technology MCP40D18T Datasheet HTML 3Page - Microchip Technology MCP40D18T Datasheet HTML 4Page - Microchip Technology MCP40D18T Datasheet HTML 5Page - Microchip Technology MCP40D18T Datasheet HTML 6Page - Microchip Technology MCP40D18T Datasheet HTML 7Page - Microchip Technology MCP40D18T Datasheet HTML 8Page - Microchip Technology MCP40D18T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 5
MCP40D17/18/19
Resistance
(± 20%)
RAB
4.0
5
6.0
k
Ω
-502 devices (Note 1)
8.0
10
12.0
k
Ω
-103 devices (Note 1)
40.0
50
60.0
k
Ω
-503 devices (Note 1)
80.0
100
120.0
k
Ω
-104 devices (Note 1)
Resolution
N
128
Taps
No Missing Codes
Step Resistance
RS
—RAB /
(127)
—
Ω
Note 5
Wiper Resistance
RW
—
100
170
Ω
VDD = 5.5 V, IW = 2.0 mA, code = 00h
—
155
325
Ω
VDD = 2.7 V, IW = 2.0 mA, code = 00h
Nominal
Resistance
Tempco
ΔR
AB/ΔT
—
50
—
ppm/°C TA = -20°C to +70°C
—
100
—
ppm/°C TA = -40°C to +85°C
—
150
—
ppm/°C TA = -40°C to +125°C
Ratiometeric
Tempco
ΔV
WB/ΔT
—
15
—
ppm/°C Code = Midscale (3Fh)
Resistor Terminal
Input Voltage
Range (Terminals
A, B and W)
VA,VW,VB
Vss
—
VDD
V
Note 4, Note 5
Maximum current
through Terminal
(A, W or B)
Note 5
IT
—
—
2.5
mA
Terminal A
IAW, W = Full Scale (FS)
—
—
2.5
mA
Terminal B
IBW, W = Zero Scale (ZS)
—
—
2.5
mA
Terminal W
IAW or IBW, W = FS or ZS
—
—
1.38
mA
Terminal A
and
Terminal B
IAB, VB = 0V, VA = 5.5V,
RAB(MIN) = 4000
—
—
0.688
mA
IAB, VB = 0V, VA = 5.5V,
RAB(MIN) = 8000
—
—
0.138
mA
IAB, VB = 0V, VA = 5.5V,
RAB(MIN) = 40000
—
—
0.069
mA
IAB, VB = 0V, VA = 5.5V,
RAB(MIN) = 80000
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
≤ T
A ≤ +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Resistance is defined as the resistance between terminal A to terminal B.
2:
INL and DNL are measured at VW with VA = VDD and VB = VSS.
3:
MCP40D18 device only, includes VWZSE and VWFSE.
4:
Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
5:
This specification by design.
6:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
7:
POR/BOR is not rate dependent.
8:
Supply current is independent of current through the resistor network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com