Electronic Components Datasheet Search
  English  ▼

X  

MD152 Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # MD152
Description  Multi-Channels Motor Driver For DSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD152 Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button MD152 Datasheet HTML 7Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 8Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 9Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 10Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 11Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 12Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 13Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 14Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 15Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD152
SP-MD152-A.011
Version
:A.011
Page
:12
Package Specifications (SSOP-24)
MD152
DDDDDDDD
1
D
E1
E
12
24
13
A
e
b
C
A1
L
L1
Θ
DETAIL : A
Dimensions in Millimeter
SYMBOL
MIN
NOM
MAX
A
1.35
1.63
1.75
A1
0.10
0.15
0.25
A2
-
-
1.50
D
8.50
8.60
8.70
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
b
0.20
-
0.30
C
0.18
-
0.25
e
0.64 BASIC
L
0.41
0.64
1.27
L1
1.00REF
θ
0
°
-
8
°
Note: “DDDDDDDD” are the date
code or lot number and may be
changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com