Electronic Components Datasheet Search
  English  ▼

X  

MD152 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # MD152
Description  Multi-Channels Motor Driver For DSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD152 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  MD152 Datasheet HTML 1Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 2Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 3Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 4Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 5Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 6Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 7Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 8Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD152
SP-MD152-A.011
Version
:A.011
Page
:1
11-MD152
Multi-Channels Motor Driver For DSC
General Specifications
The 11-MD152 is all in one actuator driver for Digital Still Camera. It contains constant
current control for M-shutter and constant voltage control for zoom DC motor. It has
multiple channels, which can apply to DSC or DV zooming Lens.
Features and Benefits
Low voltage operation (VDD Min = VB Min
= 2.7V)
Low saturation voltage (Upper transistor + lower transistor residual voltage 0.25V
typically at 200mA, VDD = VB = 3V)
Low input current
Constant current control and constant voltage control
Zero standby current
Reference Voltage inside (Vref=1.23V)
Thermal shutdown protection
Thin, highly reliable package:QFN-32(4.75mmX4.75mm) ,SSOP24 and TSSOP-24
Pin Assignment
Pin Assignment of QFN-32
Pin Assignment of SSOP-24
Pin Assignment of TSSOP-24
EN2
EN3
IN1
IN2
IN3
IN4
VREF
NC
GND
OUT2
OUT3
OUT5
OUT6
OUT7
OUT4
OUT8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
OUT1
GND
IM
OUT3
OUT5
OUT6
OUT7
OUT4
OUT8
GND
VB
VDD
PIM
EN1
EN2
EN3
IN1
IN2
IN3
IN4
VREF
NC
VC
OUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com