Electronic Components Datasheet Search
  English  ▼

X  

MD152 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # MD152
Description  Multi-Channels Motor Driver For DSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD152 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button MD152 Datasheet HTML 3Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 4Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 5Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 6Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 7Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 8Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 9Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 10Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD152
SP-MD152-A.011
Version
:A.011
Page
:6
Application Circuit 1
VDD
PIM
EN1
EN2
EN3
IN1
IN2
IN3
IN4
VREF
NC
VC
11-MD152
OUT1
GND
IM
OUT2
OUT3
OUT5
OUT6
OUT7
OUT4
OUT8
GND
VB
VDD
M
IN4
IN3
IN2
IN1
EN3
EN2
EN1
VB
Ra
Rb
VB
ZOOM
AF
Aperture
R
PIM
R
IM
10μ
C
n
C
n
C
n
C
n
10μ
10μ
C
c
M-shutter
AF: Saturation drive for 2 phase, 1-2 phase stepping motor
M-shutter: Constant current drive for shutter voice coil motor
Aperture: Saturation drive for aperture voice coil motor
ZOOM: Constant voltage drive for DC motor (forward/reverse/brake/standby)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com