Electronic Components Datasheet Search
  English  ▼

X  

MD152 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # MD152
Description  Multi-Channels Motor Driver For DSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD152 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  MD152 Datasheet HTML 1Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 2Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 3Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 4Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 5Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 6Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 7Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 8Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD152
SP-MD152-A.011
Version
:A.011
Page
:2
Pin Descriptions of QFN-32
Pin NO. Pin Name
Description
Pin NO. Pin Name
Description
1
EN2
Mode Selected Input pin
17
OUT8
Constant voltage Output pin
2
EN3
Mode Selected Input pin
18
OUT4
Constant voltage Output pin
3
IN1
Motor control input pin
19
OUT7
Motor output pin
4
IN2
Motor control input pin
20
OUT6
Motor output pin
5
IN3
Motor control input pin
21
OUT5
Motor output pin
6
IN4
Motor control input pin
22
OUT3
Motor output pin
7
VREF
Reference voltage output pin
23
OUT2
Motor output pin
8
NC
24
GND
Controller and driver ground
9
VC
Voltage adjust control
25
NC
10
NC
26
NC
11
NC
27
IM
Current sense resistor
12
VB
Power supply pin for motor driver
28
OUT1
Motor output pin
13
GND
Motor driver ground
29
GND
Controller and driver ground
14
NC
30
VDD
Power supply pin for controller.
15
NC
31
PIM
Current sense resistor
16
NC
32
EN1
Mode Selected Input pin
Pin Descriptions of SSOP24 and TSSOP-24
Pin NO. Pin Name
Description
Pin NO. Pin Name
Description
1
VDD
Power supply pin for controller.
13
VB
Power supply pin for motor driver
2
PIM
Current sense resistor
14
GND
Driver ground
3
EN1
Mode selected Input pin
15
OUT8
Constant voltage output pin
4
EN2
Mode selected Input pin
16
OUT4
Constant voltage output pin
5
EN3
Mode selected Input pin
17
OUT7
Motor output pin
6
IN1
Motor control input pin
18
OUT6
Motor output pin
7
IN2
Motor control input pin
19
OUT5
Motor output pin
8
IN3
Motor control input pin
20
OUT3
Motor output pin
9
IN4
Motor control input pin
21
OUT2
Motor output pin
10
VREF
Reference voltage output pin
22
IM
Current sense resistor
11
NC
23
GND
Controller and driver ground
12
VC
Voltage adjust control
24
OUT1
Motor output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com