Electronic Components Datasheet Search
  English  ▼

X  

MD152 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # MD152
Description  Multi-Channels Motor Driver For DSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD152 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  MD152 Datasheet HTML 1Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 2Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 3Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 4Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 5Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 6Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 7Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 8Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD152
SP-MD152-A.011
Version
:A.011
Page
:4
SH Output Terminal (OUT1-2)
Ra + Rb = 10 kΩ
Output Current1
IO1
OUT2-> OUT1 RIM = 1Ω
260
285
310
mA
Output Current1
IO2
OUT1-> OUT2 RPIM = 0.9Ω
260
290
325
mA
Saturation Voltage
(upper + lower)
VSAT3
IOUT = 200 mA
-
0.25
0.4
V
ZOOM Output Terminal (OUT4-8)
Output Voltage
VOUT VB = 3 ~ 4V Vc=1V
2.86
2.99
3.12
V
Saturation Voltage
(upper + lower)
VSAT4
IOUT = 200 mA
-
0.22
0.36
V
Thermal Protection Circuit
Protection Temperature
TTSD
VEN1 or VEN2 or VEN3 =H
160
℃
Function Block (SSOP24 and TSSOP-24 Pin Assignment)
CPU
THD
19
18
17
16
15
24
21
20
22
2
13
Logic
10
1
12
3
4
5
6
7
8
9
23
14
VDD
VREF
VC
VB
PIM
IM
OUT1
OUT2
OUT3
OUT5
OUT6
OUT7
OUT4
OUT8
GND
EN1
EN2
EN3
IN1
IN2
IN3
IN4
Shutter
Aperture
DC Zoom
AF
Constant Current
Drive
Saturation Voltage Drive
Constant Voltage
Drive
VDD
VDD
VDD
VDD
VDD
VDD
VDD
BIAS
R
PIM
10uF
10uF
Ra
Rb
R
IM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com