Electronic Components Datasheet Search
  English  ▼

X  

MD152 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # MD152
Description  Multi-Channels Motor Driver For DSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD152 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  MD152 Datasheet HTML 1Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 2Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 3Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 4Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 5Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 6Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 7Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 8Page - Silicon Touch Technology Inc. MD152 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD152
SP-MD152-A.011
Version
:A.011
Page
:3
Absolute Maximum Ratings ( Unless otherwise noted, TA= 25℃ )
Characteristic
Symbol
Rating
Unit
VDD
5.5
V
Supply Voltage
VB
5.5
V
Input Voltage
VIN
VDD+0.4
V
IO Peak Current
IOPeak
1.5
A
IODC Current
IODC
550
mA
Power Dissipation
PD
800
mW
Operating Temperature Range
TOPR
-40 ~ 125
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C
Electrical Characteristic
(Unless otherwise noted, TA= 25℃ , VDD = VB = 3V )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
VDD
2.7
3
5.5
V
Supply Voltage
VB
2.7
3
5.5
V
ISTB
VEN1~ EN3 =L; VIN1~ IN4 =L
0.1
5
μA
IDD1
VEN1~ EN3 = HHL
1
1.5
mA
IDD2
VEN1~ EN3 = HLL
1
1.5
mA
Supply Current
( IDD )
IDD3
VEN1~ EN3 = LLH
1.2
2
mA
Reference Voltage Circuit
Reference Voltage
Vref
VDD = 3V ; Iref = -1mA
1.19
1.23
1.27
V
EN1~3 / IN1~4 Input Terminal
( TJ = 25℃)
Input Voltage “H”
VIH
-
0.8*VDD
-
VDD+0.4
V
Input Voltage “L”
VIL
-
-0.4
-
0.2*VDD
V
Input Current “H”
IIH
VIN = VDD
-
-
±5
μA
Input Current “L”
IIL
VIN = 0 V
-
-
±5
μA
AF Output Terminal (OUT2-3,OUT6-7)
Saturation Voltage
(upper + lower)
VSAT1
IOUT = 200 mA
-
0.25
0.4
V
AE Output Terminal (OUT5-6)
Saturation Voltage
(upper + lower)
VSAT2
IOUT = 200 mA
-
0.25
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com