Electronic Components Datasheet Search
  English  ▼

X  

VM148 Datasheet(PDF) 11 Page - Silicon Touch Technology Inc.

Part # VM148
Description  130mA, 10Bit Current Sinking VCM Driver with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM148 Datasheet(HTML) 11 Page - Silicon Touch Technology Inc.

Back Button VM148 Datasheet HTML 7Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 8Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 9Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 10Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 11Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 12Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 13Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 14Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 15Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-VM148
Version
:001
Page
:10
3. Settling Time (VDD = 2.8V, VCM = 27Ohm with 430uH@500Hz, 550uH@1kHz, respectively, CL =
0.1uF @Temp. = 25)
4. Sink Current vs. Codes vs. Temp.
100
200
300
400
500
600
700
800
900
1000
20
40
60
80
100
120
140
DIGITAL Code
Isink vs. Codes vs. Temp.
Temp. = -40
Temp. = 25
Temp. = 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com