Electronic Components Datasheet Search
  English  ▼

X  

VM148 Datasheet(PDF) 1 Page - Silicon Touch Technology Inc.

Part # VM148
Description  130mA, 10Bit Current Sinking VCM Driver with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM148 Datasheet(HTML) 1 Page - Silicon Touch Technology Inc.

  VM148 Datasheet HTML 1Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 2Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 3Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 4Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 5Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 6Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 7Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 8Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
新竹市展業一路 9 號 7 樓之 1
SILICON TOUCH TECHNOLOGY INC.
9-7F-1, Prosperity Rd I, Science-Based Industrial Park
Hsin-Chu, Taiwan 300, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
11-VM148
Version
: A.001
Issue Date
: 2009-05-19
File Name
: SP-VM148-A.001.doc
Total Page
: 17
130mA, 10Bit Current Sinking VCM Driver
with I
2C Interface


Similar Part No. - VM148

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
VM1447 VMI-VM1447 Datasheet
125Kb / 1P
3,000V Surface Mount Multiplier
VM1448 VMI-VM1448 Datasheet
140Kb / 1P
2,000V - 3,000V Surface Mount Multiplier
logo
Silicon Touch Technolog...
VM147 SITI-VM147 Datasheet
272Kb / 13P
Programmable sinking output current
VM149A SITI-VM149A Datasheet
268Kb / 13P
Programmable sinking output current
VM149B SITI-VM149B Datasheet
268Kb / 13P
Programmable sinking output current
More results

Similar Description - VM148

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Analog Devices
AD5398A AD-AD5398A Datasheet
475Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
logo
Silicon Touch Technolog...
11-MD118A SITI-11-MD118A Datasheet
515Kb / 20P
8-BIT DAC VCM Driver with I2C Interface
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
8-BIT DAC VCM Driver with I2C Interface
11-MD218A SITI-11-MD218A Datasheet
420Kb / 17P
130mA, 10Bit Current Sinking VCM Driver with I2C Interface
11-MD218B SITI-11-MD218B Datasheet
420Kb / 17P
130mA, 10Bit Current Sinking VCM Driver with I2C Interface
logo
Eutech Microelectronics...
EUM6820 EUTECH-EUM6820 Datasheet
122Kb / 1P
100mA Current Sink VCM Driver with I2C Interface
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Rohm
BU64241GWZ ROHM-BU64241GWZ Datasheet
938Kb / 24P
Linear Constant Current VCM Driver
logo
Maxim Integrated Produc...
MAX20444B MAXIM-MAX20444B Datasheet
1Mb / 41P
Automotive 4-Channel, 130mA Backlight Driver with Boost/SEPIC Controller and I2C Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com