Electronic Components Datasheet Search
  English  ▼

X  

VM148 Datasheet(PDF) 10 Page - Silicon Touch Technology Inc.

Part # VM148
Description  130mA, 10Bit Current Sinking VCM Driver with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM148 Datasheet(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button VM148 Datasheet HTML 6Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 7Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 8Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 9Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 10Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 11Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 12Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 13Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 14Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-VM148
Version
:001
Page
:9
Performance Characteristics
1. DNL Plot
100
200
300
400
500
600
700
800
900
1000
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
DIGITAL Code
Typical DNL Plot @VDD=2.8V, 25degree
2. INL Plot
100
200
300
400
500
600
700
800
900
1000
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
DIGITAL Code
Typical INL Plot @VDD=2.8V, 25degree



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com