Electronic Components Datasheet Search
  English  ▼

X  

VM148 Datasheet(PDF) 14 Page - Silicon Touch Technology Inc.

Part # VM148
Description  130mA, 10Bit Current Sinking VCM Driver with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM148 Datasheet(HTML) 14 Page - Silicon Touch Technology Inc.

Back Button VM148 Datasheet HTML 9Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 10Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 11Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 12Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 13Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 14Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 15Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 16Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 17Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-VM148
Version
:001
Page
:13
Application Notes
The 11-VM148 is a constant current driving IC for applications in Auto-Focus. The
supply voltage range VDD of 11-VM148 is from 2.4V to 5.5V. The input range of
digital control pin PD, and digital I/O pins SCL and SDA, are defined such that
logic “High” is from 0.55*VDD to VDD+0.4V and logic “Low” is from –0.4V to
0.2*VDD. Therefore, the three digital pins are suitable controlled by 1.8V ISP.
The PD pin is the power off pin of 11-VM148. Logic low level (PD = Low) is for IC
operation. On the other hand, its logic high level (PD = High) puts the chip into
power off mode for power saving. It is recommended to keep PD at high level (PD
= H) before while the chip is no operation to save power, especially for
applications in portable devices.
In order to ensure the stability of output current, a compensation capacitance CL
is suggested placing across the two terminals of VCM. The suggested value of CL
is about 0.1~0.22uF and could be fine tuned for different VCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com