Electronic Components Datasheet Search
  English  ▼

X  

VM148 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # VM148
Description  130mA, 10Bit Current Sinking VCM Driver with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM148 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button VM148 Datasheet HTML 2Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 3Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 4Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 5Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 6Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 7Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 8Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 9Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-VM148
Version
:001
Page
:5
Electrical Characteristic
Unless otherwise noted
, TA= 25℃, VDD = 2.8 V and VCM ≈ 18Ω, 460uH.
Limit
Item
Sym.
Condition
Min.
Typ.
Max.
Unit
Power Supply
Supply Voltage
VDD
2.4
2.8
5
V
IPD
PD = High (chip disable)
-
-
0.5
uA
IDD
PD = Low, SPD= High
-
-
0.1
mA
Supply Current
( IDD )
IDD1
PD = Low, SPD= Low
0.5
mA
PD, SDA, SCL digital control pin
Input Voltage High
VIH
-
0.55*VDD
-
VDD+0.4
V
Input Voltage Low
VIL
-
-0.4
-
0.2*VDD
V
Parameters
DAC Resolution
10
Bits
DNL
+/-0.8
+/-1
LSB
INL
+/-1
+/-5
LSB
Output Offset Current
IOS
PD = L, SPD= logic H
5
uA
Current Slew Rate
SR
t
I
SR
Δ
Δ
=
/
(*1)
3
mA/us
Output Constant
Current Settling Time
ts
VDD = 2.8V, ISINK = 100mA
40
80
us
Voltage Drop
V
Δ
MVSS
SINK
V
V
V
−
=
Δ
(*2)
(@ISINK = 80 mA)
-
0.32
0.35
V
Note:
(*1)
t
I
SR
Δ
Δ
=
/
,
ISINK is the current of sink pin
(*2):
SINK
V
is the voltage of sink pin and
MVSS
V
is the voltage of motor driver GND pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com