Electronic Components Datasheet Search
  English  ▼

X  

VM148 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # VM148
Description  130mA, 10Bit Current Sinking VCM Driver with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM148 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  VM148 Datasheet HTML 1Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 2Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 3Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 4Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 5Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 6Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 7Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 8Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-VM148
Version
:001
Page
:3
Pin Assignment
Pin Assignment of DFN10 (3*3*0.8 mm)
Pin Descriptions
Pin NO.
Pin Name
Description
1
VDD
Input Power Pin
2
PD
Digital Input: Power off Mode
(When PD=High ,chip disable)
( When PD=Low ,chip enable)
3
NC
4
VSS
Input Ground Pin
5
NC
6
NC
7
SDA
I
2C Interface Data(Serial Data Line)
8
SCL
I
2C Interface Data(Serial Clock Line)
9
MVSS
Input Motor driver GND Pin
10
SINK
Analog Output : Output current Sink Pin
1.
The 7 address bits of 11-VM148 for I
2C slave true port is 0001-1xx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com