Electronic Components Datasheet Search
  English  ▼

X  

SE95D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SE95D
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95D Datasheet(HTML) 5 Page - NXP Semiconductors

  SE95D Datasheet HTML 1Page - NXP Semiconductors SE95D Datasheet HTML 2Page - NXP Semiconductors SE95D Datasheet HTML 3Page - NXP Semiconductors SE95D Datasheet HTML 4Page - NXP Semiconductors SE95D Datasheet HTML 5Page - NXP Semiconductors SE95D Datasheet HTML 6Page - NXP Semiconductors SE95D Datasheet HTML 7Page - NXP Semiconductors SE95D Datasheet HTML 8Page - NXP Semiconductors SE95D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SE95_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 September 2009
5 of 27
NXP Semiconductors
SE95
Ultra high accuracy digital temperature sensor and thermal watchdog
In OS interrupt mode, the OS output is used for thermal interruption. When the device is
powered-up, the OS output is first activated only when Temp exceeds Tos; then it remains
active indefinitely until being reset by a read of any register. Once the OS output has been
activated by crossing Tos and then reset, it can be activated again only when Temp drops
below Thyst; then again, it remains active indefinitely until being reset by a read of any
register. The OS interrupt operation would be continued in this sequence: Tos trip, reset,
Thyst trip, reset, Tos trip, reset, Thyst trip, reset, and etc. Putting the device into shutdown
mode also resets the OS output.
In both cases, comparator mode and interrupt mode, the OS output is activated only if a
number of consecutive faults, defined by the device fault queue, has been met. The fault
queue is programmable and stored in bits OS_F_QUE[1:0], of register Conf. Also, the OS
output active state is selectable as HIGH or LOW by setting accordingly the bit OS_POL
of register Conf.
At power-up, the device is put into normal operation mode, register Tos is set to 80
°C,
register Thyst is set to 75
°C, OS active state is selected LOW and the fault queue is equal
to 1. The data reading of register Temp is not available until the first conversion is
completed in about 33 ms.
The OS response to the temperature is illustrated in Figure 4.
(1) OS is reset by either reading register or putting the device in shutdown mode. Assumed that the
fault queue is met at each Tos and Thyst crossing point.
Fig 4.
OS response to temperature
001aad623
(1)
(1)
(1)
Tos
Thyst
OS RESET
OS ACTIVE
OS RESET
OS ACTIVE
OS output in comparator mode
OS output in interrupt mode
reading temperature limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com