Electronic Components Datasheet Search
  English  ▼

X  

SE95D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SE95D
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SE95D Datasheet HTML 4Page - NXP Semiconductors SE95D Datasheet HTML 5Page - NXP Semiconductors SE95D Datasheet HTML 6Page - NXP Semiconductors SE95D Datasheet HTML 7Page - NXP Semiconductors SE95D Datasheet HTML 8Page - NXP Semiconductors SE95D Datasheet HTML 9Page - NXP Semiconductors SE95D Datasheet HTML 10Page - NXP Semiconductors SE95D Datasheet HTML 11Page - NXP Semiconductors SE95D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SE95_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 September 2009
8 of 27
NXP Semiconductors
SE95
Ultra high accuracy digital temperature sensor and thermal watchdog
false alert if the address 0Ch is sent and cannot be active on the I2C-bus if this address is
used. Consider using the SE98 since it supports SMBus ARA as well as time-out features
and provides
±1 °C accuracy.
8.2 Register list
The SE95 contains 7 data registers. The registers can be 1 byte or 2 bytes wide, and are
defined in Table 5. The registers are accessed by the value in the content of the pointer
register during I2C-bus communication. The types of registers are: read only, read/write,
and reserved for manufacturer use. Note that when reading a two-byte register, the host
must provide enough clock pulses as required by the I2C-bus protocol (see Section 8.7)
for the device to completely return both data bytes. Otherwise the device may hold the
SDA line in LOW state, resulting in a bus hang condition.
8.3 Register pointer
The register pointer or pointer byte is an 8-bit data byte that is equivalent to the register
command in the I2C-bus definitions and is used to identify the device register to be
accessed for a write or read operation. Its values are listed as pointer values in Table 5.
For the device register I2C-bus communication, the pointer byte may or may not need to
be included within the command as illustrated in the I2C-bus protocol figures in
Section 8.7.
The command statements for writing data to a register must always include the pointer
byte; while the command statements for reading data from a register may or may not
include it. To read a register that is different from the one that has been recently read, the
pointer byte must be included. However, to re-read a register that has been recently read,
the pointer byte may not have to be included in the reading.
Table 4.
Address table
MSB
LSB
1001
A2
A1
A0
Table 5.
Register table
Register
name
Pointer
value
R/W
POR
state
Description
Conf
01h
R/W
00h
configuration register: contains a single 8-bit data byte;
to set an operating condition
Temp
00h
read
only
N/A
temperature register: contains two 8-bit data bytes; to
store the measured Temp
Tos
03h
R/W
5000h
overtemperature shutdown threshold register: contains
two 8-bit data bytes; to store the overtemperature
shutdown limit; default Tos =80 °C
Thyst
02h
R/W
4B00h
hysteresis register: contains two 8-bit data bytes; to
store the hysteresis limit; bit 7 to bit 0 are also used in
OTP (One Time Programmable) test mode to supply
OTP write data; default Thyst =75 °C
ID
05h
read
only
A1h
identification register: contains a single 8-bit data byte
for the manufacturer ID code
Reserved
04h
N/A
N/A
reserved
Reserved
06h
N/A
N/A
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com