Electronic Components Datasheet Search
  English  ▼

X  

SE95D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SE95D
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SE95D Datasheet HTML 9Page - NXP Semiconductors SE95D Datasheet HTML 10Page - NXP Semiconductors SE95D Datasheet HTML 11Page - NXP Semiconductors SE95D Datasheet HTML 12Page - NXP Semiconductors SE95D Datasheet HTML 13Page - NXP Semiconductors SE95D Datasheet HTML 14Page - NXP Semiconductors SE95D Datasheet HTML 15Page - NXP Semiconductors SE95D Datasheet HTML 16Page - NXP Semiconductors SE95D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SE95_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 September 2009
13 of 27
NXP Semiconductors
SE95
Ultra high accuracy digital temperature sensor and thermal watchdog
Fig 5.
Write configuration register (1-byte data)
001aad624
1
1
S
SDA
SCL
00
1
A2 A1 A0 W
A
0000000
1
A
000
D4 D3 D2 D1 D0 A
P
23456789123456789
123456789
START
STOP
write
device
acknowledge
device
acknowledge
device
acknowledge
device address
pointer byte
configuration data byte
Fig 6.
Read configuration register including pointer byte (1-byte data)
001aad625
SCL
SDA
(next)
(next)
123456789123456789
device address
pointer byte
START
RE-START
write
device
acknowledge
device
acknowledge
00000001
A
RS
1
S
0
0
1
A2
A1
A0 W
A
SCL (cont.)
SDA (cont.)
123456789123456789
device address
data byte from device
STOP
read
master not
acknowledged
device
acknowledge
D7
D6
D5
D4
D3
D2
D1
D0
P
1001
A2
A1
A0
R
A
NA
Fig 7.
Read configuration register with preset pointer (1-byte data)
001aad626
START
S
SCL
SDA
123456789123456789
device address
data byte from device
STOP
read
master not
acknowledged
device
acknowledge
D7
D6
D5
D4
D3
D2
D1
D0
P
1001
A2
A1
A0
R
A
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com