Electronic Components Datasheet Search
  English  ▼

X  

SE95D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SE95D
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95D Datasheet(HTML) 1 Page - NXP Semiconductors

  SE95D Datasheet HTML 1Page - NXP Semiconductors SE95D Datasheet HTML 2Page - NXP Semiconductors SE95D Datasheet HTML 3Page - NXP Semiconductors SE95D Datasheet HTML 4Page - NXP Semiconductors SE95D Datasheet HTML 5Page - NXP Semiconductors SE95D Datasheet HTML 6Page - NXP Semiconductors SE95D Datasheet HTML 7Page - NXP Semiconductors SE95D Datasheet HTML 8Page - NXP Semiconductors SE95D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1.
General description
The SE95 is a temperature-to-digital converter using an on-chip band gap temperature
sensor and Sigma Delta analog-to-digital conversion technique. The device is also a
thermal detector providing an overtemperature detection output.
The SE95 contains a number of data registers accessed by a controller via the 2-wire
serial I2C-bus interface:
• Configuration register (Conf) to store the device settings such as sampling rate,
device operation mode, OS operation mode, OS polarity, and OS fault queue
• Temperature register (Temp) to store the digital Temp reading
• Set-point registers (Tos and Thyst) to store programmable overtemperature shutdown
and hysteresis limits
• Identification register (ID) to store manufacturer numbers
The device includes an open-drain output (pin OS) which becomes active when the
temperature exceeds the programmed limits. There are three selectable logic address
pins (pins A2 to A0) so that eight devices can be connected on the same bus without
address conflict.
The SE95 can be configured for different operation conditions. It can be set in normal
mode to periodically monitor the ambient temperature, or in shutdown mode to minimize
power consumption. The OS output operates in either of two selectable modes: OS
comparator mode and OS interrupt mode. Its active state can be selected as either HIGH
or LOW. The fault queue that defines the number of consecutive faults in order to activate
the OS output is programmable as well as the set-point limits.
The temperature register always stores a 13-bit two’s complement data giving a
temperature resolution of 0.03125
°C. This high temperature resolution is particularly
useful in applications of measuring precisely the thermal drift or runaway. For normal
operation and compatibility with the LM75A, only the 11 MSBs are read, with a resolution
of 0.125
°C to provide the accuracies specified. To be compatible with the LM75, read only
the 9 MSBs.
The device is powered-up in normal operation mode with the OS in comparator mode,
temperature threshold of 80
°C and hysteresis of 75 °C, so that it can be used as a
stand-alone thermostat with those pre-defined temperature set points. The conversion
rate is programmable, with a default of 10 conversions/s.
SE95
Ultra high accuracy digital temperature sensor and thermal
watchdog
Rev. 07 — 2 September 2009
Product data sheet


Similar Part No. - SE95D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE95D PHILIPS-SE95D Datasheet
198Kb / 20P
Ultra high accuracy digital temperature sensor and thermal WatchdogE
2004 Dec 21
SE95DP PHILIPS-SE95DP Datasheet
198Kb / 20P
Ultra high accuracy digital temperature sensor and thermal WatchdogE
2004 Dec 21
More results

Similar Description - SE95D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE95 PHILIPS-SE95 Datasheet
198Kb / 20P
Ultra high accuracy digital temperature sensor and thermal WatchdogE
2004 Dec 21
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
Digital temperature sensor and thermal Watchdog
2004 Oct 05
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
Digital temperature sensor and thermal watchdog
18-Jul-2008
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
Digital temperature sensor and thermal watchdog
17-Jul-2008
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com