Electronic Components Datasheet Search
  English  ▼

X  

SE95D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SE95D
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SE95D Datasheet HTML 5Page - NXP Semiconductors SE95D Datasheet HTML 6Page - NXP Semiconductors SE95D Datasheet HTML 7Page - NXP Semiconductors SE95D Datasheet HTML 8Page - NXP Semiconductors SE95D Datasheet HTML 9Page - NXP Semiconductors SE95D Datasheet HTML 10Page - NXP Semiconductors SE95D Datasheet HTML 11Page - NXP Semiconductors SE95D Datasheet HTML 12Page - NXP Semiconductors SE95D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SE95_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 September 2009
9 of 27
NXP Semiconductors
SE95
Ultra high accuracy digital temperature sensor and thermal watchdog
At power-up, the pointer value is preset to logic 0 for register Temp; users can then read
the temperature without specifying the pointer byte.
8.4 Configuration register
The Configuration (Conf) register is a read/write register and contains an 8-bit
non-complement data byte that is used to configure the device for different operating
conditions. Table 6 shows the bit assignments of this register.
8.5 Temperature register
The Temperature (Temp) register holds the digital result of temperature measurement or
monitor at the end of each analog to digital conversion. This register is read only and
contains two 8-bit data bytes consisting of one Most Significant Byte (MSByte) and one
Least Significant Byte (LSByte). However, only 13 bits of those two bytes are used to store
the Temp data in two’s complement format with the resolution of 0.03125
°C. Table 7
shows the bit arrangement of the Temp data in the data bytes.
Table 6.
Conf register
Legend: * = default value.
Bit
Symbol
Access
Value
Description
7
reserved
R/W
0*
reserved for manufacturer’s use
6 and 5
RATEVAL[1:0]
R/W
sets the conversion rate
00*
10 conversion/s
01
0.125 conversion/s
10
1 conversion/s
11
30 conversion/s
4 and 3
OS_F_QUE[1:0]
R/W
OS fault queue programming
00*
queue value = 1
01
queue value = 2
10
queue value = 4
11
queue value = 6
2
OS_POL
R/W
OS polarity selection
0*
OS active LOW
1
OS active HIGH
1
OS_COMP_INT
R/W
OS operation mode selection
0*
OS comparator
1
OS interrupt
0
SHUTDOWN
R/W
0
operation mode
0*
normal
1
shutdown
Table 7.
Temp register
MSByte
LSByte
7654321076543210
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com