Electronic Components Datasheet Search
  English  ▼

X  

SE95D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SE95D
Description  Ultra high accuracy digital temperature sensor and thermal watchdog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE95D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SE95D Datasheet HTML 2Page - NXP Semiconductors SE95D Datasheet HTML 3Page - NXP Semiconductors SE95D Datasheet HTML 4Page - NXP Semiconductors SE95D Datasheet HTML 5Page - NXP Semiconductors SE95D Datasheet HTML 6Page - NXP Semiconductors SE95D Datasheet HTML 7Page - NXP Semiconductors SE95D Datasheet HTML 8Page - NXP Semiconductors SE95D Datasheet HTML 9Page - NXP Semiconductors SE95D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SE95_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 September 2009
6 of 27
NXP Semiconductors
SE95
Ultra high accuracy digital temperature sensor and thermal watchdog
7.2 OS output and polarity
The OS output is an open-drain output and its state represents results of the device
watchdog operation as described in Section 7.1. In order to observe this output state, an
external pull-up resistor is needed. The resistor should be as large as possible, up to
200 k
Ω, to minimize the Temp reading error due to internal heating by the high OS sinking
current.
The OS output active state can be selected as HIGH or LOW by programming bit
OS_POL of register Conf: setting bit OS_POL to logic 1 selects OS active HIGH and
setting to logic 0 sets OS active LOW. At power-up, bit OS_POL is equal to logic 0 and the
OS active state is LOW.
7.3 OS comparator and interrupt modes
As described in Section 7.1, the OS output responds to the result of the comparison
between register Temp data and the programmed limits, in registers Tos and Thyst, in
different ways depending on the selected OS mode: OS comparator or OS interrupt. The
OS mode is selected by programming bit OS_COMP_INT of register Conf: setting bit
OS_COMP_INT to logic 1 selects the OS interrupt mode, and setting to logic 0 selects the
OS comparator mode. At power-up, bit OS_COMP_INT is equal to logic 0 and the OS
comparator is selected.
The main difference between the two modes is that in OS comparator mode, the OS
output becomes active when Temp has exceeded Tos and reset when Temp has dropped
below Thyst, reading a register or putting the device into shutdown mode does not change
the state of the OS output; while in OS interrupt mode, once it has been activated either
by exceeding Tos or dropping below Thyst, the OS output will remain active indefinitely until
reading a register or putting the device into shutdown mode occurs, then the OS output is
reset.
Temperature limits Tos and Thyst must be selected so that Tos > Thyst. Otherwise, the OS
output state will be undefined.
7.4 OS fault queue
Fault queue is defined as the number of faults that must occur consecutively to activate
the OS output. It is provided to avoid false tripping due to noise. Because faults are
determined at the end of data conversions, fault queue is also defined as the number of
consecutive conversions returning a temperature trip. The value of fault queue is
selectable by programming the two bits OS_F_QUE[1:0] in register Conf. Notice that the
programmed data and the fault queue value are not the same. Table 3 shows the
one-to-one relationship between them. At power-up, fault queue data = 00 and fault queue
value = 1.
Table 3.
Fault queue table
Fault queue data
Fault queue value
OS_F_QUE[1]
OS_F_QUE[0]
Decimal
001
012
104
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com