Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 14Page - NXP Semiconductors UJA1069 Datasheet HTML 15Page - NXP Semiconductors UJA1069 Datasheet HTML 16Page - NXP Semiconductors UJA1069 Datasheet HTML 17Page - NXP Semiconductors UJA1069 Datasheet HTML 18Page - NXP Semiconductors UJA1069 Datasheet HTML 19Page - NXP Semiconductors UJA1069 Datasheet HTML 20Page - NXP Semiconductors UJA1069 Datasheet HTML 21Page - NXP Semiconductors UJA1069 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
UJA1069_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 October 2009
18 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.6.4 Switched battery output V3
V3 is a high-side switched BAT42-related output which is used to drive external loads
such as wake-up switches or relays. The features of V3 are as follows:
• Three application controlled modes of operation; ON, OFF or Cyclic mode.
• Two different cyclic modes allow the supply of external wake-up switches; these
switches are powered intermittently, thus reducing the system’s power consumption in
case a switch is continuously active; the wake-up input of the SBC is synchronized
with the V3 cycle time.
• The switch is protected against current overloads. If V3 is overloaded, pin V3 is
automatically disabled. The corresponding Diagnosis register bit is reset and an
interrupt is forced (if enabled). During Sleep mode, a wake-up is forced and the
corresponding reset source code becomes available in the RSS bits of the System
Status register. This signals that the wake-up source via V3 supplied wake-up
switches has been lost.
6.7 LIN transceiver
The integrated LIN transceiver of the UJA1069 is a LIN 2.0 compliant transceiver. The
transceiver has the following features:
• SAE J2602 compliant and compatible with LIN revision 1.3
• Fail-safe LIN termination to BAT42 via dedicated RTLIN pin
• Enhanced error handling and reporting of bus and TXD failures; these failures are
separately identified in the System Diagnosis register
6.7.1 Mode control
The controller of the LIN transceiver provides two modes of operation: Active mode and
Off-line mode; see Figure 9. In Off-line mode the transmitter and receiver do not consume
current, but wake-up events will be recognized by the separate wake-up receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com