Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 19Page - NXP Semiconductors UJA1069 Datasheet HTML 20Page - NXP Semiconductors UJA1069 Datasheet HTML 21Page - NXP Semiconductors UJA1069 Datasheet HTML 22Page - NXP Semiconductors UJA1069 Datasheet HTML 23Page - NXP Semiconductors UJA1069 Datasheet HTML 24Page - NXP Semiconductors UJA1069 Datasheet HTML 25Page - NXP Semiconductors UJA1069 Datasheet HTML 26Page - NXP Semiconductors UJA1069 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
UJA1069_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 October 2009
23 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.10 Interrupt output
Pin INTN is an open-drain interrupt output. It is forced LOW whenever at least one bit in
the Interrupt register is set. By reading the Interrupt register all bits are cleared. The
Interrupt register will also be cleared during a system reset (RSTN LOW).
As the microcontroller operates typically with an edge-sensitive interrupt port, pin INTN
will be HIGH for at least tINTN after each read-out of the Interrupt register. Without further
interrupts within tINTN pin INTN stays HIGH, otherwise it will revert to LOW again.
To prevent the microcontroller from being slowed down by repetitive interrupts, in Normal
mode some interrupts are only allowed to occur once per watchdog period; see
Section 6.12.7.
If an interrupt is not read out within tRSTN(INT) a system reset is performed.
6.11 Temperature protection
The temperature of the SBC chip is monitored as long as the microcontroller voltage
regulator V1 is active. To avoid an unexpected shutdown of the application by the SBC,
the temperature protection will not switch off any part of the SBC or activate a defined
system stop of its own accord. If the temperature is too high it generates an interrupt to
the microcontroller, if enabled, and the corresponding status bit will be set. The
microcontroller can then decide whether to switch off parts of the SBC to decrease the
chip temperature.
Fig 13. Pin WAKE, cyclic sampling via V3
V3
sample
active
VWAKE
flip flop
VINTN
ton(CS)
tw(CS)
tsu(CS)
approximately 70 %
signal already HIGH
due to biasing (history)
signal remains LOW
due to biasing (history)
button pushed
button released
001aac307



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com