Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 40Page - NXP Semiconductors UJA1069 Datasheet HTML 41Page - NXP Semiconductors UJA1069 Datasheet HTML 42Page - NXP Semiconductors UJA1069 Datasheet HTML 43Page - NXP Semiconductors UJA1069 Datasheet HTML 44Page - NXP Semiconductors UJA1069 Datasheet HTML 45Page - NXP Semiconductors UJA1069 Datasheet HTML 46Page - NXP Semiconductors UJA1069 Datasheet HTML 47Page - NXP Semiconductors UJA1069 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
UJA1069_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 October 2009
44 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
IV1
output current
capability
VBAT14 = 9 V to 27 V;
δV
V1 = 0.05 × VV1(nom)
−200
−135
−120
mA
VBAT14 = 9 V to 27 V;
V1 shorted to GND
−200
−110
-
mA
VBAT14 =8V to9V;
δV
V1 = 0.05 × VV1(nom)
--
−120
mA
VBAT14 = 5.5 V to 8 V;
δV
V1 = 0.05 × VV1(nom)
--
−150
mA
Zds(on)
regulator impedance
between pins BAT14
and V1
VBAT14 = 4 V to 5 V
-
3
5
Ω
Voltage source; pin V3
VBAT42-V3(drop)
VBAT42 to VV3 voltage
drop
VBAT42 = 9 V to 52 V;
IV3 = −20 mA
-
-
1.0
V
Idet(OL)(V3)
overload current
detection threshold
VBAT42 = 9 V to 52 V
−165
-
−60
mA
IL
leakage current
VV3 = 0 V; V3C[1:0] = 00
-
0
5
µA
System inhibit output; pin SYSINH
VBAT42-SYSINH(drop) VBAT42 to VSYSINH
voltage drop
ISYSINH = −0.2 mA
-
1.0
2.0
V
IL
leakage current
VSYSINH =0V
-
-
5
µA
Inhibit/limp-home output; pin INH/LIMP
VBAT14-INH(drop)
VBAT14 to VINH
voltage drop
IINH/LIMP = −10 µA;
ILEN = ILC = 1
-
0.7
1.0
V
IINH/LIMP = −200 µA;
ILEN = ILC = 1
-
1.2
2.0
V
Io(INH/LIMP)
output current
capability
VINH/LIMP = 0.4 V;
ILEN = 1; ILC = 0
0.8
-
4
mA
IL
leakage current
VINH/LIMP = 0 V to VBAT14;
ILEN = 0
--5
µA
Wake input; pin WAKE
Vth(WAKE)
wake-up voltage
threshold
2.0
3.3
5.2
V
IWAKE(pu)
pull-up input current
VWAKE =0V
−25
-
−1.3
µA
Serial peripheral interface inputs; pins SDI, SCK and SCS
VIH(th)
HIGH-level input
threshold voltage
0.7
× VV1
-VV1 + 0.3
V
VIL(th)
LOW-level input
threshold voltage
−0.3
-
+0.3
× VV1 V
Rpd(SCK)
pull-down resistor at
pin SCK
VSCK =2V; VV1 ≥ 2 V
50
130
400
k
Ω
Rpu(SCS)
pull-up resistor at
pin SCS
VSCS =1V; VV1 ≥ 2 V
50
130
400
k
Ω
Table 25.
Static characteristics …continued
Tvj = −40 °C to +150 °C, VBAT42 = 5.5 Vto52 V;VBAT14 = 5.5 Vto27 V;VBAT42 ≥ VBAT14 − 1 V; unless otherwise specified. All
voltages are defined with respect to ground. Positive currents flow into the IC.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com