Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 28Page - NXP Semiconductors UJA1069 Datasheet HTML 29Page - NXP Semiconductors UJA1069 Datasheet HTML 30Page - NXP Semiconductors UJA1069 Datasheet HTML 31Page - NXP Semiconductors UJA1069 Datasheet HTML 32Page - NXP Semiconductors UJA1069 Datasheet HTML 33Page - NXP Semiconductors UJA1069 Datasheet HTML 34Page - NXP Semiconductors UJA1069 Datasheet HTML 35Page - NXP Semiconductors UJA1069 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
UJA1069_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 October 2009
32 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.12.8 System Configuration register and System Configuration Feedback register
These registers allow configuration of the behavior of the SBC, and allow the settings to
be read back.
Table 9.
Interrupt register bit description
Bit
Symbol
Description
Value
Function
15 and 14
A1, A0
register address
01
read Interrupt register
13
RRS
Read Register Select
1
12
RO
Read Only
1
read the Interrupt register without writing to the Interrupt
Enable register
0
read the Interrupt register and write to the Interrupt Enable
register
11
WTI
Watchdog Time-out
Interrupt
1
a watchdog overflow during Standby mode has caused an
interrupt (interrupt-based cyclic wake-up feature)
0
no interrupt
10
OTI
OverTemperature
Interrupt
1
the temperature warning status (TWS) has changed
0
no interrupt
9
-
reserved
0
reserved for SBCs with CAN transceiver
8
SPIFI
SPI clock count Failure
Interrupt
1
wrong number of CLK cycles (more than, or less than 16)
during SPI access
0
no interrupt; SPI access is ignored if the number of CLK
cycles does not equal 16
7
BATFI
BAT Failure Interrupt
1
falling edge at pin SENSE has forced an interrupt
0
no interrupt
6
VFI
Voltage Failure Interrupt 1
V1D or V3D has been cleared
0
no interrupt
5
-
reserved
0
reserved for SBCs with CAN transceiver
4
LINFI
LIN Failure Interrupt
1
LIN failure status has changed
0
no interrupt
3
WI
Wake-up Interrupt
1
a negative edge at pin WAKE has been detected
0
no interrupt
2
WDRI
Watchdog Restart
Interrupt
1
A watchdog restart during watchdog OFF has caused an
interrupt
0
no interrupt
1
-
reserved
0
reserved for SBCs with CAN transceiver
0
LINI
LIN Wake-up Interrupt
1
LIN wake-up event has caused an interrupt
0
no interrupt
Table 10.
System Configuration and System Configuration Feedback register bit description
Bit
Symbol
Description
Value
Function
15 and 14
A1, A0
register address
10
select System Configuration register
13
RRS
Read Register Select
1
read the General Purpose Feedback register 0
0
read the System Configuration Feedback register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com